Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5603ESA Datasheet(PDF) 7 Page - Major-Power Technology Co., LTD.

Part # MA5603ESA
Description  Synchronous Buck for LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5603ESA Datasheet(HTML) 7 Page - Major-Power Technology Co., LTD.

  MA5603ESA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
MA5603
Major Power Technology Co., Ltd.
Rev.1.4
Aug 24, 2016
Inductor Selection
The inductor is required to supply constant current to the output load while being driven
by the switched input voltage. A larger value inductor will result in less ripple current that will
result in lower output ripple voltage. However, the larger value inductor will have a larger
physical size, higher series resistance, and/or lower saturation current. A good rule for
determining the inductance to use is to allow the peak-to-peak ripple current in the inductor to
be approximately 30% of the maximum switch current limit.
VIN
<28V
<35V
Inductor
22uH
33uH
The choice of which style inductor to use mainly depends on the price vs. size
requirements and any EMI requirements.
Analog and Digital Dimming
There are two methods to control dimming for the MA5603 during normal operation. The
first method uses DC voltage to control the feedback voltage. This is shown in Figure 1. As the
DC voltage increases, current starts flowing down R1, R6 and RSET. The loop will continue to
regulate the feedback voltage to 0.22V. Thus the current has to decrease through the LEDs by
the same amount of current as is being injected from the DC voltage source. With a VDC from
0V to 3.6V, the resistor values shown for R1 and R6 can control the LED current from 0mA to
1.5A.
Figure 1 - Dimming Control Using a DC Voltage
If the PWM signal is above 1KHz~100KHz, dimming can be achieved using the circuit
shown in Figure 2 (The LED current from 0mA to 0.33A).
SW
FB
L1 22
μH
C2
10
μF
16V
MA5603
VOUT
RSET
0.66Ω
D1
B240
R1
4.7K
R6
75K
VDC
0~3.6V
R7
10K
C7
100nF
PWM
option
Figure 2 - Dimming Control Using a Filtered PWM Signal



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com