Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5603ESA Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA5603ESA
Description  Synchronous Buck for LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5603ESA Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA5603ESA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
MA5603
Major Power Technology Co., Ltd.
Rev.1.4
Aug 24, 2016
38V/2A Synchronous Buck for LED Driver
GENERAL DESCRIPTION
The MA5603 is a monolithic synchronous buck regulator, and step-down converter designed
for driving up to 9 series white LEDs from a 36V system input. The total LED driving current up
to 2A, which is measured through an external current sense resistor. Its low 220mV feedback
voltage reduces power loss and improves efficiency. The MA5603 includes current limit, short
circuit protection and thermal shutdown protection preventing damage.
An internal soft-start prevents inrush current at turn-on, This device, available in an
SOP8L-EP(Exposed pad) package, provides a very compact solution with minimal external
components.
FEATURES
- Wide 8V to 38V Operating Input Range
- Integrated two 140m
Ω Power MOSFET Switches
- Feedback Voltage : 220mV
- Internal Soft-Start / VFB Over Voltage Protection
- Stable with Low ESR Ceramic Output Capacitors
- Fixed 250KHz Frequency
- Current Limit, Thermal Shutdown and Short Circuit Protections (SCP).
- Input Under/Over Voltage Lockout
APPLICATION CIRCUIT
IN
EN
VDD
GND
BS
SW
FB
COMP
11~36V
R4
100kΩ
C5
100nF
L1
22
μH
C3
R3
C4
0.1
μF
C6
0.1
μF
MA5603
R5
24
Ω
3.3nF
2.2kΩ
VOUT
RSET
1W
WLEDs
0.66Ω
PAD(GND)
C1
100
μF
50V
C2
10
μF
16V
D1
SS34
ON
OFF
ILED=VFB /RSET=0.22V/0.66
Ω=0.333A , VFB = 0.22V.


Similar Part No. - MA5603ESA

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA5601 MPOWER-MA5601 Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5601ES MPOWER-MA5601ES Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5601ESA MPOWER-MA5601ESA Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5602 MPOWER-MA5602 Datasheet
525Kb / 8P
38V Synchronous Buck Converter
MA5602ES MPOWER-MA5602ES Datasheet
525Kb / 8P
38V Synchronous Buck Converter
More results

Similar Description - MA5603ESA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3452 LINER-LTC3452 Datasheet
279Kb / 16P
Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
logo
ON Semiconductor
NCP81158 ONSEMI-NCP81158 Datasheet
83Kb / 8P
Synchronous Buck MOSFET Driver
August, 2016 ??Rev. 0
logo
Linear Technology
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
60V 2MHz Synchronous Buck-Boost LED Driver
logo
ON Semiconductor
NCP81258 ONSEMI-NCP81258 Datasheet
89Kb / 9P
Synchronous Buck MOSFET Driver
June, 2017 ??Rev. P0
logo
IXYS Corporation
IXS839 IXYS-IXS839 Datasheet
318Kb / 11P
Synchronous Buck MOSFET Driver
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
logo
Infineon Technologies A...
IRS25411S INFINEON-IRS25411S Datasheet
1Mb / 19P
Synchronous buck LED driver
Datasheet 2 0.0 2019-02-06
logo
Texas Instruments
TPS92642-Q1 TI1-TPS92642-Q1 Datasheet
2Mb / 44P
TPS92642-Q1 Automotive Synchronous Buck Infrared LED Driver
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com