Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5609ESA Datasheet(PDF) 8 Page - Major-Power Technology Co., LTD.

Part # MA5609ESA
Description  36V Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5609ESA Datasheet(HTML) 8 Page - Major-Power Technology Co., LTD.

  MA5609ESA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5609ESA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5609ESA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5609ESA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5609ESA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5609ESA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5609ESA Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5609ESA Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA5609ESA Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8/9
MA5609
Major Power Technology Co., Ltd.
Rev.1.3 Apr. 12 , 2017
Cable On: VIN = 12V, VOUT = 5V, ILOAD = 0A
Cable On: VIN = 12V, VOUT = 5V, ILOAD = 3.5A
Ch1=SW , Ch2=VOUT ,Ch3=VIN , Ch4=ISW
Ch1=SW , Ch2=VOUT ,Ch3=VIN , Ch4=ISW
12VIN Load Transient: ILOAD = 0.1A to 3A
24VIN Load Transient: ILOAD = 0.1A to 3A
Ch1=SW , Ch2= VRIPPLE ,Ch3=VIN , Ch4=ISW
Ch1=SW , Ch2= VRIPPLE ,Ch3=VIN , Ch4=IOUT
12VIN Load Transient: ILOAD = 0A to 3A
SCP Realse: VIN=12V, VOUT= 5V, ILOAD= 0A
Ch1=SW , Ch2=VRIPPLE ,Ch3=VIN , Ch4=IOUT
Ch1=SW , Ch2=VOUT ,Ch3=VIN , Ch4=ISW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com