Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5609ESA Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA5609ESA
Description  36V Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5609ESA Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA5609ESA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5609ESA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5609ESA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5609ESA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5609ESA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5609ESA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5609ESA Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5609ESA Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA5609ESA Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
MA5609
Major Power Technology Co., Ltd.
Rev.1.3 Apr. 12 , 2017
36V Synchronous Buck Converter With CC/CV
GENERAL DESCRIPTION
MA5609 is a wide input voltage, high efficiency Active CC step-down DC/DC converter that
operates in either CV (Constant Output Voltage) mode or CC (Constant Output Current) mode.
MA5609 provides up to 3.5A output current at 160kHz switching frequency. Current mode control
provides fast transient response and cycle-by-cycle current limit.
An internal soft-start prevents inrush current at turn-on, This device, available in an
SOP8L-EP(Exposed pad) package, provides a very compact solution with minimal external
components.
FEATURES
- Wide 8V to 36V Operating Input Range
- Integrated 75/45m
Ω Power MOSFET Switches
- Output Adjustable from VFB(1.00V±2%) to 16V
- Up to 95% Efficiency
- Internal Soft-Start and Fixed 160KHz Frequency.
- Stable with Low ESR Polymer Al-E-Capacitors
- Cycle-by-Cycle Over Current Protection
- Input Under/Over Voltage Lockout
APPLICATION CIRCUIT
C1
4.7
μF
35V
40k
10k
VOUT+
5V 3A
C6
0.1
μF
IN
PGND
GND
SW
CS
FB
V
IN=8~32V
30m
L1
33
μH
C2
R1
R2
BS
C5
10nF
MA5609
R5
24
10
μF
10V
PAD
C7
470
μF
16V
C8
RSEN
VOUT-
CFB
3.3nF
GND
100
μF
35V
VOUT=VFB × (1+R1/R2), VFB = 1.00V, R2 suggest 10k~40K
Ω
ISEN = 3.3A (ISEN=VCS(0.1V) / RSEN(30m
Ω))


Similar Part No. - MA5609ESA

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA5601 MPOWER-MA5601 Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5601ES MPOWER-MA5601ES Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5601ESA MPOWER-MA5601ESA Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5602 MPOWER-MA5602 Datasheet
525Kb / 8P
38V Synchronous Buck Converter
MA5602ES MPOWER-MA5602ES Datasheet
525Kb / 8P
38V Synchronous Buck Converter
More results

Similar Description - MA5609ESA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
Synchronous Buck Converter
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
Synchronous Buck Converter
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
Synchronous Buck Converter
MA5605 MPOWER-MA5605 Datasheet
462Kb / 9P
36V 4.5A Synchronous Buck Converter
MA5611 MPOWER-MA5611 Datasheet
396Kb / 7P
36V Synchronous Buck Converter
logo
First Silicon Co., Ltd
FC3470 FS-FC3470 Datasheet
931Kb / 8P
Synchronous Buck Converter
logo
Maxim Integrated Produc...
MAX20075 MAXIM-MAX20075 Datasheet
947Kb / 16P
36V, 600mA/1.2A Mini Buck Converter
Rev 10; 8/19
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
Synchronous Buck Converter
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com