Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CI100505-R10J Datasheet(PDF) 5 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # CI100505-R10J
Description  EMI SOLOTION PRODUCTS-RoHS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

CI100505-R10J Datasheet(HTML) 5 Page - FENGJUI TECHNOLOGY CO., LTD.

  CI100505-R10J Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. CI100505-R10J Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. CI100505-R10J Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. CI100505-R10J Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD. CI100505-R10J Datasheet HTML 5Page - FENGJUI TECHNOLOGY CO., LTD. CI100505-R10J Datasheet HTML 6Page - FENGJUI TECHNOLOGY CO., LTD. CI100505-R10J Datasheet HTML 7Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FENG-JUI TECHNOLOGY CO., LTD EMI SOLOTION PRODUCTS-RoHS
Your Perfect Inductor
Rev.1001
3. MECHANICAL CHARACTERISTICS
4. RELIABILITY AND TEST CONDITIONS
4.1 HIGH TEMPERATURE RESISTANCE
a. Performance specification
1. Appearance:no mechanical damage
2. Impedance shall be with ±30﹪of the initial value
b. Test condition
1. Temperature 125℃±2℃
2. Applied current:Rated current
3. Testing time:1008±12hrs (maximum value)
4. Measurement:After placing at room ambient temperature for 24 hours minimum



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com