Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CI100505-R10J Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # CI100505-R10J
Description  EMI SOLOTION PRODUCTS-RoHS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

CI100505-R10J Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  CI100505-R10J Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. CI100505-R10J Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. CI100505-R10J Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. CI100505-R10J Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD. CI100505-R10J Datasheet HTML 5Page - FENGJUI TECHNOLOGY CO., LTD. CI100505-R10J Datasheet HTML 6Page - FENGJUI TECHNOLOGY CO., LTD. CI100505-R10J Datasheet HTML 7Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FENG-JUI TECHNOLOGY CO., LTD EMI SOLOTION PRODUCTS-RoHS
Your Perfect Inductor
Rev.1001
Multilayer Ceramic Chip Inductor (CI SERIES)
●FEATURE
1. Support operating frequency bands up to 10GHz
2. Provides high Q characteristics
3. Monolithic structure for high reliability
●Applications
1. Mobile phones
2. Cordless phone or pagers and Other various electronic appliances
●Shape and Dimension
●Specification
Dimension in m/m(in inches)
TYPE
A
B
C
D
100505(0402)
1.0
±0.05(0.039±0.002)
0.50
±0.05(0.019±0.002)
0.5
±0.05(0.019±0.002)
0.2
±0.10
160808(0603)
1.6
±0.15(0.063±0.006)
0.80
±0.15(0.031±0.006)
0.8
±0.15(0.031±0.006)
0.5
±0.30
Note1: Test equipment: HP 4291A Impedance analyzer
Note2: Inductance tolerance: S: ±0.3nH; J: ±5%; K: ±10%
Note3.Packaging: Taping ; Quantity: CI100505:10000 Pieces/reel ; CI160808:4000 Pieces/reel
B
A
C
D
Ferrite
TERMINAL ELECTRODE
CERAMIC


Similar Part No. - CI100505-R10J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505-R10J BOURNS-CI100505-R10J Datasheet
434Kb / 2P
Multi-Layer Chip Inductors
CI100505-R10J BOURNS-CI100505-R10J Datasheet
103Kb / 2P
Multi-Layer Chip Inductors
More results

Similar Description - CI100505-R10J

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
FB100505U100 FENGJUI-FB100505U100 Datasheet
64Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
CM0502FB FENGJUI-CM0502FB Datasheet
382Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
CM7060F FENGJUI-CM7060F Datasheet
254Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P1210D FENGJUI-F4P1210D Datasheet
334Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P2012 FENGJUI-F4P2012 Datasheet
217Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P2012H FENGJUI-F4P2012H Datasheet
299Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
F4P2012U3 FENGJUI-F4P2012U3 Datasheet
337Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P3225VT FENGJUI-F4P3225VT Datasheet
158Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
F4P4532 FENGJUI-F4P4532 Datasheet
422Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P4532L FENGJUI-F4P4532L Datasheet
754Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com