Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12D-R Datasheet(PDF) 1 Page - Yuan Dean Scientific., Co, LTD.

Part # 12D-R
Description  DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

12D-R Datasheet(HTML) 1 Page - Yuan Dean Scientific., Co, LTD.

  12D-R Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 12D-R Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YUAN DEAN SCIENTIFIC CO.,LTD
12D-R SERIES
Rev:1 2018/10/02
FEATURES:
7PIN SIP Package
High Efficiency up to 80%
Regulated Output Types
Internal SMD Construction
No External Component Required
Industry Standard Pinout
Operating Temperature:-40℃ TO +85℃
DC-DC Converter
12D-R SERIES
1Watt
3KV Isolated
Single Output
SIP7
Specifications typical at TA=25°C, nominal input voltage and
rated output current unless otherwise specified
Part Number
Output Voltage
Output Current
Efficiency
Vdc
mA
%TYP
12D-XXS03RNL
3.3
303
65
12D-XXS05RNL
5
200
65
12D-XXS09RNL
9
112
70
12D-XXS12RNL
12
84
70
12D-XXS15RNL
15
67
70
12D-XXS24RNL
24
42
70
YUAN DEAN SCIENTIFIC
Temperature Derating Graph
100
75
50
25
0
-40
85
100
Ambient Temperature(℃)
Nature Convection
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
Vo, Io Nom
±10
%
Filter
Capacitor
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
100% full load
±5
%
Short Circuit
Protection
Continuous
Line Regulation
Regulated
±0.5
%
Load Regulation
Regulated
±1.5
%
Ripple & Noise
Output:5V,9V TYPES
BW=DC To 20MHz
100
mVp-p
Ripple & Noise
Output:12-24V TYPES
BW=DC To 20MHz
1% of Vout
mVp-p
Transient response
setting time
50% load step change
350
us
Note:
1.”XX” Is Input Voltage:03=3.3Vdc, 05=5Vdc, 09=9Vdc 12=12Vdc,15=15Vdc,24=24Vdc.
2.The input voltage increases, there will be an increase in efficiency.
3.Input 3.3V, then output will be 12V MAX;Output 3.3V, then input will be 12V MAX


Similar Part No. - 12D-R

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
12D-03D03NNL YUANDEAN-12D-03D03NNL Datasheet
281Kb / 2P
DC-DC Converter
12D-03S03NNL YUANDEAN-12D-03S03NNL Datasheet
281Kb / 2P
DC-DC Converter
12D-05D05N2NL YUANDEAN-12D-05D05N2NL Datasheet
281Kb / 2P
DC-DC Converter
12D-05D05N2WNL YUANDEAN-12D-05D05N2WNL Datasheet
323Kb / 2P
DC-DC Converter
12D-05D05N3W YUANDEAN-12D-05D05N3W Datasheet
272Kb / 2P
DC-DC Converter
More results

Similar Description - 12D-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com