Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12D-R Datasheet(PDF) 2 Page - Yuan Dean Scientific., Co, LTD.

Part # 12D-R
Description  DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

12D-R Datasheet(HTML) 2 Page - Yuan Dean Scientific., Co, LTD.

  12D-R Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 12D-R Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
YUAN DEAN SCIENTIFIC CO.,LTD
12D-R SERIES
Rev:1 2018/10/02
General Specifications
Parameters
Conditions
Min
Typ
Max
Units
Isolation Resistance
500Vdc
1000
MΩ
Switching Frequency
Full load, nominal input
100
KHz
Operation
Temperature
-40
+85
℃
Humidity
Non Condensing
95
%
Cooling
Free air Convection
Case material
DAP
MTBF
MIL-HDBK-217F@25℃
1500000
Hours
Weight
2.7
g
Dimensions
19.5x7.1x10.0
mm
Recommended Test Circuit
+Vin
+Vout
Cin
Cout
3.3V:Cin 10uF,25V
5V:Cin 10uF,25V
9V:Cin 10uF,25V
12V:Cin 10uF,25V
15V:Cin 10uF,50V
24V:Cin 10uF,50V
-Vin
+
+
-Vout
1
2
7
5
3.3V:Cout 100uF,25V
5V:Cout 100uF,25V
9V:Cout 100uF,25V
12V:Cout 100uF,25V
15V:Cout 100uF,50V
24V:Cout 100uF,50V
Rev:0 2017/8/30
Part Number
Markings and dimensions
PIN Connection
Pin
1
2
5
7
Single
+Vin
-Vin
-Vout
+Vout
12D
-
05
S
05
R
NL
A
B
C
D
E
F
2.54
19.50
1
2
5
0.50±0.05
1.25
2.00
0.25±0.05
4.0
10.00
TOP VIEW
BOTTOM VIEW
7
15.24
printed face
7.10
A :
Series
B :
Input Voltage
C :
Single(S);Dual(D)
D :
Output Voltage
E :
Regulated(R)
F
:
RoHS Version
UNIT: mm
Unless otherwise specified, all tolerances are ±0.25
Packaging
Size(mm)
A
B
C
D
9.5
16.5
522
5.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com