Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7311DHKP Datasheet(PDF) 3 Page - Sinopower Semiconductor Inc

Part # SM7311DHKP
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM7311DHKP Datasheet(HTML) 3 Page - Sinopower Semiconductor Inc

  SM7311DHKP Datasheet HTML 1Page - Sinopower Semiconductor Inc SM7311DHKP Datasheet HTML 2Page - Sinopower Semiconductor Inc SM7311DHKP Datasheet HTML 3Page - Sinopower Semiconductor Inc SM7311DHKP Datasheet HTML 4Page - Sinopower Semiconductor Inc SM7311DHKP Datasheet HTML 5Page - Sinopower Semiconductor Inc SM7311DHKP Datasheet HTML 6Page - Sinopower Semiconductor Inc SM7311DHKP Datasheet HTML 7Page - Sinopower Semiconductor Inc SM7311DHKP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM7311DHKP Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SM7311DHKP
Copyright © Sinopower Semiconductor Inc.
Rev. A.1 - November, 2018
www.sinopowersemi.com
Electrical Characteristics (TA= 25°C unless otherwise noted)
3
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
Static Characteristics
BVDSS Drain-Source Breakdown Voltage
VGS=0V, IDS=250mA
100
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=80V, VGS=0V
-
-
1
m
A
TJ=85°C
-
-
30
VGS(th) Gate Threshold Voltage
VDS=VGS, IDS=250mA
1
2
3
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±10
m
A
RDS(ON) d Drain-Source On-state Resistance
VGS=10V, IDS=11A
-
16.1
19.3
mW
VGS=4.5V, IDS=7A
-
20
26
Diode Characteristics
VSD d
Diode Forward Voltage
ISD=5A, VGS=0V
-
0.8
1.3
V
trr
Reverse Recovery Time
ISD=11A, dlSD/dt=100A/ms
-
38
-
ns
Qrr
Reverse Recovery Charge
-
58
-
nC
Dynamic Characteristics e
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
-
2
-
W
Ciss
Input Capacitance
VGS=0V,
VDS=50V,
Frequency=1.0MHz
-
1150 1500
pF
Coss
Output Capacitance
-
180
-
Crss
Reverse Transfer Capacitance
-
28
-
td(ON)
Turn-on Delay Time
VDD=30V, RL=30W,
IDS=1A, VGEN=10V,
RG=6W
-
14
26
ns
tr
Turn-on Rise Time
-
7
13
td(OFF)
Turn-off Delay Time
-
32
58
tf
Turn-off Fall Time
-
31
56
Gate Charge Characteristics e
Qg
Total Gate Charge
VDS=50V, VGS=10V,
IDS=11A
-
24
34
nC
Qg
Total Gate Charge
VDS=50V, VGS=4.5V,
IDS=11A
-
12
-
Qgs
Gate-Source Charge
-
4.3
-
Qgd
Gate-Drain Charge
-
5.4
-
Note d:Pulse test ; pulse width≤300ms, duty cycle≤2%.
Note e:Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com