Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7311DHKP Datasheet(PDF) 2 Page - Sinopower Semiconductor Inc

Part # SM7311DHKP
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM7311DHKP Datasheet(HTML) 2 Page - Sinopower Semiconductor Inc

  SM7311DHKP Datasheet HTML 1Page - Sinopower Semiconductor Inc SM7311DHKP Datasheet HTML 2Page - Sinopower Semiconductor Inc SM7311DHKP Datasheet HTML 3Page - Sinopower Semiconductor Inc SM7311DHKP Datasheet HTML 4Page - Sinopower Semiconductor Inc SM7311DHKP Datasheet HTML 5Page - Sinopower Semiconductor Inc SM7311DHKP Datasheet HTML 6Page - Sinopower Semiconductor Inc SM7311DHKP Datasheet HTML 7Page - Sinopower Semiconductor Inc SM7311DHKP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM7311DHKP Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SM7311DHKP
Copyright © Sinopower Semiconductor Inc.
Rev. A.1 - November, 2018
www.sinopowersemi.com
Absolute Maximum Ratings (TA=25°C Unless Otherwise Noted)
2
Symbol
Parameter
Rating
Unit
VDSS
Drain-Source Voltage
100
V
VGSS
Gate-Source Voltage
±20
TJ
Maximum Junction Temperature
150
C
TSTG
Storage Temperature Range
-55 to 150
IS
Diode Continuous Forward Current
TC=25°C
13
A
ID
Continuous Drain Current
TC=25°C
27
TC=100°C
16.4
IDM a
Pulse Drain Current
TC=25°C
100
A
PD
Maximum Power Dissipation
TC=25°C
30
W
TC=100°C
11
RqJC
Thermal Resistance-Junction to Case
4.2
°C/W
ID
Continuous Drain Current
TA=25°C
5.8
A
TA=70°C
4.6
PD
Maximum Power Dissipation
TA=25°C
1.39
W
TA=70°C
0.89
RqJAc
Thermal Resistance-Junction to Ambient
Steady State
90
°C/W
IAS b
Avalanche Current, Single pulse
L=0.5mH
15
A
EAS b
Avalanche Energy, Single pulse
L=0.5mH
56
mJ
Note a:Pulse width is limited by max. junction temperature.
Note b:UIS tested and pulse width limited by maximum junction temperature 150oC (initial temperature Tj=25oC).
Note c:Surface Mounted on 1in2 pad area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com