Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002T Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # 2N7002T
Description  SOT-523 Plastic-Encapsulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2N7002T Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  2N7002T Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 2N7002T Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 2N7002T Datasheet HTML 3Page - Tiger Electronic Co.,Ltd 2N7002T Datasheet HTML 4Page - Tiger Electronic Co.,Ltd 2N7002T Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0 V, ID=250
µA
60
Gate-Threshold Voltage
Vth(GS)
VDS=VGS, ID=250
µA
1
2.5
V
Gate-body Leakage
lGSS
VDS=0 V, VGS=
±20 V
±80
nA
Zero Gate Voltage Drain Current
IDSS
VDS=60 V, VGS=0 V
80
nA
On-state Drain Current
ID(ON)
VGS=10 V, VDS=7 V
500
mA
VGS=10 V, ID=500
mA
5
Drain-Source On-Resistance
RDS(on)
VGS=5 V, ID=50
mA
7
Ω
Forward Trans conductance
gfs
VDS=10 V, ID=200
mA
80
ms
VGS=10V, ID=500
mA
3.75
V
Drain-source on-voltage
VDS(on)
VGS=5V, ID=50
mA
0.375
V
Diode Forward Voltage
VSD
IS=115mA, VGS=0 V
0.55
1.2
V
Input Capacitance
Ciss
50
Output Capacitance
Coss
25
Reverse Transfer Capacitance
Crss
VDS=25V, VGS=0V, f=1MHz
5
pF
SWITCHING TIME
Turn-on Time
td(on)
20
Turn-off Time
td(off)
VDD=25 V, RL=50Ω
ID=500mA,VGEN=10 V
RG=25 Ω
40
ns
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified
2
J,Sep,2016



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com