Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002T Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2N7002T
Description  SOT-523 Plastic-Encapsulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2N7002T Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2N7002T Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 2N7002T Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 2N7002T Datasheet HTML 3Page - Tiger Electronic Co.,Ltd 2N7002T Datasheet HTML 4Page - Tiger Electronic Co.,Ltd 2N7002T Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SOT-523 Plastic-Encapsulate MOSFETS
2N7002T
MOSFET (N-Channel)
FEATURE
High density cell design for low RDS(ON)
Voltage controlled small signal switch
Rugged and reliable
High saturation current capability
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Parameter
Value
Unit
VGS
Gate-Source voltage
±20
V
VDS
Drain-Source voltage
60
V
ID
Drain Current
115
mA
PD
Power Dissipation
150
mW
TJ
Junction Temperature
150
℃
SOT-523
1. GATE
2. SOURCE
3. DRAIN
Tstg
Storage Temperature
-55
~+150
℃
Thermal Resistance from Junction to Ambient
Symbol
RθJA
833
℃/W
1
J,Sep,2016
M
ARKING
Equivalent Circuit
APPLICATION
Load Switch for Portable Devices
DC/DC Converter
V(BR)DSS
RDS(on)MAX
ID
60 V
 
5Ω@10V 
115mA
7Ω@5V 
 
1
2
3
K72
K72= Device Code
Solid dot = Green molding compound device,if none,
the normal device.
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 2N7002T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002T DIODES-2N7002T Datasheet
85Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30301 Rev. 2 - 2
2N7002T DIODES-2N7002T Datasheet
447Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30301 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
2N7002T BILIN-2N7002T Datasheet
189Kb / 4P
Small Signal MOSFET Transistor
logo
TRANSYS Electronics Lim...
2N7002T TEL-2N7002T Datasheet
156Kb / 2P
Plastic-Encapsulated Transistors
logo
Fairchild Semiconductor
2N7002T FAIRCHILD-2N7002T Datasheet
333Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - 2N7002T

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
2N7002T WILLAS-2N7002T Datasheet
359Kb / 2P
SOT-523 Plastic-Encapsulate MOSFETS
logo
ZP Semiconductor
CJ1012 ZPSEMI-CJ1012 Datasheet
1Mb / 3P
SOT-523 Plastic-Encapsulate MOSFETS
CJ4153 ZPSEMI-CJ4153 Datasheet
685Kb / 2P
SOT-523 Plastic-Encapsulate MOSFETS
logo
SHIKUES Electronics
SK2301AAT SKTECHNOLGY-SK2301AAT Datasheet
778Kb / 4P
SOT-523 Plastic-Encapsulate MOSFETS
SK2302AAT SKTECHNOLGY-SK2302AAT Datasheet
592Kb / 4P
SOT-523 Plastic-Encapsulate MOSFETS
logo
Shanghai Leiditech Elec...
2N7002KT LEIDITECH-2N7002KT Datasheet
1Mb / 3P
SOT-523 Plastic-Encapsulate Mosfets
logo
Nanjing International G...
2N7002T DGNJDZ-2N7002T Datasheet
2Mb / 5P
SOT-523 Plastic-Encapsulate MOSFETS
2SK3019A DGNJDZ-2SK3019A Datasheet
2Mb / 5P
SOT-523 Plastic-Encapsulate MOSFETS
MTN5003T DGNJDZ-MTN5003T Datasheet
1Mb / 5P
SOT-523 Plastic-Encapsulate MOSFETS
BSS138WT DGNJDZ-BSS138WT Datasheet
1Mb / 5P
SOT-523 Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com