Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R6DN Datasheet(PDF) 29 Page - Nuvoton Technology Corporation

Part # N32905R6DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R6DN Datasheet(HTML) 29 Page - Nuvoton Technology Corporation

Back Button N32905R6DN Datasheet HTML 25Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 26Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 27Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 28Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 29Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 30Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 31Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 32Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 33Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
29
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
5.
ELECTRICAL SPECIFICATION
5.1
Absolute Maximum Rating
Parameters
Values
Ambient Temperature
-20 °C ~ 85 °C
Storage Temperature
-40 °C ~ 125 °C
Voltage On Any Pin
-0.3V ~ 3.6V
Power Supply Voltage (Core Logic)
-0.5V ~ 2.5V
Power Supply Voltage (I/O Buffer)
-0.5V ~ 4.6V
Injection Current (Latch-Up Testing)
100mA
Crystal Frequency
2MHz ~ 27MHz
5.2
DC Characteristics (Normal I/O)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VDD33
I/O Buffer Post-Driver Voltage
3.0
3.3
3.6
V
MVDD33
SDRAM Operation Voltage
3.0
3.3
3.6
V
VDD18
Core Logic and I/O
Buffer
Pre-Driver
Voltage
200MHz
1.62
1.8
1.98
V
MVDD18
DDR Operation
Voltage
100MHz
1.7
1.8
1.9
V
MVDDQ/
MVDD
DDR Operation
Voltage
100MHz
1.7
1.8
1.9
V
RTC_VDD
RTC Power Supply
1.2
-
1.8
V
IRTC_VDD
RTC Supply Current
RTC_VDD<VDD18
-
4
-
uA
VIH
Input High Voltage
2.0
-
5.5
V
VIL
Input Low Voltage
-0.3
-
0.8
V
VT
Threshold Point
1.45
1.58
1.74
V
VT+
Schmitt Trigger Low to High
Threshold Point
1.44
1.42
1.56
V
VT-
Schmitt Trigger High to Low
Threshold Point
0.89
1.06
0.99
V
ICC
Core Power Supply Current
FCPU = 200MHz,
MCLK = 100MHz,
VDD18 = 1.8V
-
160
-
mA
IL
Input Leakage Current
-10
-
10
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com