Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R6DN Datasheet(PDF) 47 Page - Nuvoton Technology Corporation

Part # N32905R6DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R6DN Datasheet(HTML) 47 Page - Nuvoton Technology Corporation

Back Button N32905R6DN Datasheet HTML 39Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 40Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 41Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 42Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 43Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 44Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 45Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 46Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 47Page - Nuvoton Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 47 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
47
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
8.
REVISION HISTORY
VERSION
DATE
PAGE
DESCRIPTION
A0
Jul. 25, 2012
ALL
 Initial release.
A1
Aug. 1, 2012
36
 Add stacked DRAM size into order Information
A2
Aug. 30, 2012
ALL
 Add N32901U1DN Information
 Correct the N32905U2DN Pin Diagram
A2.1
Sept. 17, 2012
22
 1Mx16 MVDD and MVDDQ are changed from 3.3V to
1.8V for consistence with N32905 and N32903
A3
Oct. 15, 2012
23,35
 Extend Operation Temperature Range
 Add Parts Feature Difference Table
A3.1
Oct. 26, 2012
35
 Add Part Number Definition
A3.2
Nov. 8, 2012
6,7,8,9
 Add CCIR Still Image and Video Recommanded
Resolutions.
 Add
LCD
Display
for
Still
Image
and
Video
Recommanded Resolutions.
 Modify One SPI H/W Engine to Support Two SPI Devices
by Two Chip Selection Signals when SPI0 is in Master
Mode. For LQFP128 package, only SPI0 is active.
 Add USB 1.1 Host One H/W Controller, Three Different
Pin Locations Information.
A3.3
Nov. 10, 2012
35
 Remove Adobe Flash Feature from Comparision Table.
A3.4
Jan. 21, 2013
4, 5, 10, 23
 Update the AC characteristics.
A4.0
Mar. 15, 2013
ALL
 Add N32903R1DN
A5.0
May. 1, 2013
ALL
 Add N32901R1DN Information.
 Add N32901U2DN Information.
A5.1
May. 3,2013
28
 Add SDRAM and DDR Operation Voltage Spec
Important Notice
Nuvoton Products are neither intended nor warranted for usage in systems or equipment, any malfunction or
failure of which may cause loss of human life, bodily injury or severe property damage. Such applications are
deemed, “Insecure Usage”.
Insecure usage includes, but is not limited to: equipment for surgical implementation, atomic energy control
instruments, airplane or spaceship instruments, the control or operation of dynamic, brake or safety systems
designed for vehicular use, traffic signal instruments, all types of safety devices, and other applications
intended to support or sustain life.
All Insecure Usage shall be made at customer’s risk, and in the event that third parties lay claims to Nuvoton
as a result of customer’s Insecure Usage, customer shall indemnify the damages and liabilities thus incurred
by Nuvoton.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com