Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD73151N Datasheet(PDF) 4 Page - Will Semiconductor Ltd.

Part # ESD73151N
Description  1-Line, Bi-directional, Ultra-low Capacitance Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

ESD73151N Datasheet(HTML) 4 Page - Will Semiconductor Ltd.

  ESD73151N Datasheet HTML 1Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 2Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 3Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 4Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 5Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 6Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 7Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ESD73151N
Will Semiconductor Ltd.
4
Revision 1.0, 2017/12/11
Typical characteristics (TA=25
oC, unless otherwise noted)
8/20
μs waveform per IEC61000-4-5
Clamping voltage vs. Peak pulse current
Non-repetitive peak pulse power vs. Pulse time
Contact discharge current waveform per IEC61000-4-2
Capacitance vs. Reverse voltage
Power derating vs. Ambient temperature
0
25
50
75
100
125
150
0
20
40
60
80
100
T
A
- Ambient temperature (
oC)
t
60ns
30ns
t
r = 0.7~1ns
10
90
100
Time (ns)
0
0
100
20
90
50
10
T
2
T
1
Front time: T
1= 1.25 T = 8s
Time to half-value: T
2= 20s
Time (s)
T
1
2
3
4
5
6
7
8
9
10 11 12
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
Pulse waveform: t
p
= 8/20s
I
PP
- Peak pulse current (A)
0
1
2
3
4
5
0.80
0.82
0.84
0.86
0.88
f = 1MHz
V
AC
= 50mV
V
R
- Reverse voltage (V)
1
10
100
1000
1
10
100
1000
Pulse time (s)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com