Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD73151N Datasheet(PDF) 1 Page - Will Semiconductor Ltd.

Part # ESD73151N
Description  1-Line, Bi-directional, Ultra-low Capacitance Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

ESD73151N Datasheet(HTML) 1 Page - Will Semiconductor Ltd.

  ESD73151N Datasheet HTML 1Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 2Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 3Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 4Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 5Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 6Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 7Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ESD73151N
Will Semiconductor Ltd.
1
Revision 1.0, 2017/12/11
ESD73151N
1-Line, Bi-directional, Ultra-low Capacitance
Transient Voltage Suppressors
Descriptions
The ESD73151N is an ultra-low capacitance TVS (Transient
Voltage Suppressor) designed to protect high speed data
interfaces. It has been specifically designed to protect
sensitive electronic components which are connected to data
and transmission lines from over-stress caused by ESD
(Electrostatic Discharge).
The
ESD73151N
incorporates
one
pair
of
ultra-low
capacitance steering diodes plus a TVS diode.
The ESD73151N may be used to provide ESD protection up
to ±30kV (contact discharge) according to IEC61000-4-2,
and withstand peak pulse current up to 11A (8/20
μs)
according to IEC61000-4-5.
The ESD73151N is available in DFN1006-2L package.
Standard products are Pb-free and Halogen-free.
Features
Stand-off voltage: ±18V Max.
Transient protection for each line according to
IEC61000-4-2 (ESD): ±30kV (contact discharge)
IEC61000-4-5 (surge): 11A (8/20
μs)
Ultra-low capacitance: CJ = 0.9pF typ.
Ultra-low leakage current: IR < 1nA typ.
Low clamping voltage: VCL = 8V typ. @ IPP = 16A (TLP)
Solid-state silicon technology
Applications
NFC
Portable Electronics
Notebooks
http//:www.sh-willsemi.com
DFN1006-2L (Bottom View)
Pin configuration
N = Device code
* = Month code (A~Z)
Marking (Top View)
Order information
Device
Package
Shipping
ESD73151N-2/TR DFN1006-2L 10000/Tape&Reel
Pin1
Pin2
Pin1
Pin2
N *


Similar Part No. - ESD73151N

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
ESD73111CZ WILLSEMI-ESD73111CZ Datasheet
405Kb / 7P
1-Line, Bi-directional, Ultra-low Capacitance Transient Voltage Suppressor
ESD73111CZ-2/TR WILLSEMI-ESD73111CZ-2/TR Datasheet
405Kb / 7P
1-Line, Bi-directional, Ultra-low Capacitance Transient Voltage Suppressor
ESD73131WZ WILLSEMI-ESD73131WZ Datasheet
508Kb / 7P
1-Line, Bi-directional, Ultra-low Capacitance Transient Voltage Suppressor
ESD73131WZ-2/TR WILLSEMI-ESD73131WZ-2/TR Datasheet
508Kb / 7P
1-Line, Bi-directional, Ultra-low Capacitance Transient Voltage Suppressor
More results

Similar Description - ESD73151N

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
ESD63011N WILLSEMI-ESD63011N Datasheet
523Kb / 6P
1-Line, Bi-directional, Ultra-low Capacitance Transient Voltage Suppressors
ESD73011N WILLSEMI-ESD73011N Datasheet
336Kb / 7P
1-Line, Bi-directional, Ultra-low Capacitance Transient Voltage Suppressors
ESD73031N WILLSEMI-ESD73031N Datasheet
340Kb / 7P
1-Line, Bi-directional, Ultra-low Capacitance Transient Voltage Suppressors
ESD73051N WILLSEMI-ESD73051N Datasheet
333Kb / 7P
1-Line, Bi-directional, Ultra-low Capacitance Transient Voltage Suppressors
ESDA6V8BLF WILLSEMI-ESDA6V8BLF Datasheet
360Kb / 6P
2-Line, Bi-directional, Low-Capacitance, Transient Voltage Suppressors
ESD5311N WILLSEMI-ESD5311N Datasheet
398Kb / 6P
1-Line, Bi-directional, Ultra-low Capacitance Transient Voltage Suppressors
ESD5311X WILLSEMI-ESD5311X Datasheet
405Kb / 6P
1-Line, Bi-directional, Ultra-low Capacitance Transient Voltage Suppressors
ESD9B5VD WILLSEMI-ESD9B5VD Datasheet
329Kb / 5P
1-Line, Bi-directional, Normal-Capacitance, Transient Voltage Suppressors
ESD9B5VDA WILLSEMI-ESD9B5VDA Datasheet
375Kb / 5P
1-Line, Low capacitance, Bi-directional Transient Voltage Suppressors
ESD9N5BM WILLSEMI-ESD9N5BM Datasheet
346Kb / 5P
1-Line, Bi-directional, Ultra-low Capacitance, Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com