Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI17070Q1 Datasheet(PDF) 3 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PI17070Q1
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PI17070Q1 Datasheet(HTML) 3 Page - FENGJUI TECHNOLOGY CO., LTD.

  PI17070Q1 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PI17070Q1 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PI17070Q1 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1701
GENERAL CHARACTERISTICS
1.
Operating temperature range: -55 TO + 125℃(Includes temperature when the coil is heated)
2.
High temperature exposure(storage) refer MIL-STD-202 Method 108: 1000 hrs at rated operating
temperature(e.g. 125℃). Part can be stored for 1000 hrs @125℃. Unpowered. Measurement at 24±4 hours
after test conclusion.
3.
Temperature cycling refer JESD22 Method JA-104: 1000 cycles(-55 TO + 125℃). Measurement at 24±4 hours
after test conclusion. 30 min maximum dwell time at each temp. extreme. 1 min. maximum transition time.
4.
Biased Humidity refer MIL-STD-202 Method 103: 1000 hours 85℃/85%RH. Unpowered. Measurement at
24±4 hours after test conclusion.
5.
Operational Life refer MIL-PRF-27: 1000 hrs. at 125 ℃ tested. Measurement at 24±4 hours after test
conclusion.
6.
External Visual refer MIL-STD-883 Method 2009: Inspect device construction, marking and workmanship.
7.
Physical Dimension refer JESD22 Method JB-100: Verify physical dimensions to the applicable device detail
specification.
8.
Resistance to Solvents refer MIL-STD-202 Method 215: Add aqueous wash chemical - OKEM clean or
equivalent.
9.
Mechanical Shock refer MIL-STD-202 Method 213: Figure 1 of Method 213. Condition C.
10. Vibration refer MIL-STD-202 Method 204: 5g;s for 20 minutes, 12 cycles each of 3 orientations. Test from
10-2000 Hz.
11. Resistance to soldering Heat refer MIL-STD-202 Method 210: Condition B No pre-heat of samples. Single
wave solder-procedure 2 for SMD and procedure 1 for leaded with solder within 1.5mm of device body.
12. ESD refer AEC-Q200-002 or ISO/DIS 10605: Direct contact discharge 2kV.
13. Solderability refer J-STD-002: For both Leaded & SMD. Magnification 50X. Conditions: Leaded, Method
A@235℃,category 3 ; SMD, a)Method B, 4hrs@155℃ dry heat @235℃, b)Method B@215℃ category 3.,
c)Method D category 3@260℃
14. Electrical Characterization refer spec: Show Min, Max Mean and Standard deviation at room from Min and Max
temperature.
15. Flammability refer UL-94: V-0 or V-1 Acceptable.
16. Board Flex refer AEC-Q200-005: 60 sec minimum holding time.
17. Terminal Strength(SMD) refer AEC-Q200-006
18. Reflow profile recommend:
26 0 ℃
23 0 ℃
1 0
60
300
250
200
150
100
50
0
T( ℃ )
T (s
300
24 0
18 0
1 20
60
0
L ea d -f r ee h e a t en d u r a n ce t es t
2 45 ℃ P e a k
230 ℃
40
1 7 0 ± 10℃ ,6 0-120 S
30 0
25 0
20 0
15 0
10 0
50
0
T( ℃ )
T (s )
300
24 0
18 0
12 0
60
0
L e a d -f r ee th e r ec o m m e n d ed r ef lo w c o n d it io n



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com