Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI17070Q1 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PI17070Q1
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PI17070Q1 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PI17070Q1 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PI17070Q1 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PI17070Q1 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1701
PI17070Q1 TYPE
●FEATURE
1.
Shielded construction,Frequency range up to 5MHz
2.
AEC-Q200 Grade 1 qualified
●Applications
1.
Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=17.30m/m Max ; B=18.3m/m Max ; C=7.00m/m Max. ; D=12.0±0.3m/m ; E=3.20m/m Ref. ;
G=18.5m/m ; H=12.2m/m ; I=11.7m/m
●Specification
P/N
L
(
μH)
RDC
(m
Ω) Typical
RDC
(m
Ω)Max
Isat
(A)
Irms
(A)
PI17070Q1-1R0M
1.0±20%
1.21
1.27
32.0
55.5
PI17070Q1-1R5M
1.5±20%
1.54
1.62
31.0
48.0
PI17070Q1-2R2M
2.2±20%
1.85
1.98
28.0
43.5
PI17070Q1-3R3M
3.3±20%
2.79
2.93
27.0
35.0
PI17070Q1-4R7M
4.7±20%
3.98
4.18
21.0
30.0
PI17070Q1-5R6M
5.6±20%
4.23
4.60
21.0
28.0
PI17070Q1-6R8M
6.8±20%
5.86
6.15
18.5
22.5
PI17070Q1-8R2M
8.2±20%
7.71
8.10
18.0
21.0
PI17070Q1-100M
10±20%
8.89
9.33
17.0
19.0
PI17070Q1-220M
22±20%
20.0
21.0
9.5
12.0
PI17070Q1-330M
33±20%
35.1
37.0
9.0
10.7
PI17070Q1-470M
47±20%
40.7
42.7
8.6
8.7
PI17070Q1-560M
56±20%
55.0
57.8
4.2
7.2
PI17070Q1-680M
68±20%
72.1
75.7
4.5
6.1
PI17070Q1-820M
82±20%
87.3
91.7
4.5
5.5
PI17070Q1-101M
100±20%
105
110
4.0
5.0


Similar Part No. - PI17070Q1

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070-100M FENGJUI-PI17070-100M Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070-101M FENGJUI-PI17070-101M Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070-1R0M FENGJUI-PI17070-1R0M Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070-1R5M FENGJUI-PI17070-1R5M Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PI17070Q1

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com