Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7323EHKP Datasheet(PDF) 3 Page - Sinopower Semiconductor Inc

Part # SM7323EHKP
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM7323EHKP Datasheet(HTML) 3 Page - Sinopower Semiconductor Inc

  SM7323EHKP Datasheet HTML 1Page - Sinopower Semiconductor Inc SM7323EHKP Datasheet HTML 2Page - Sinopower Semiconductor Inc SM7323EHKP Datasheet HTML 3Page - Sinopower Semiconductor Inc SM7323EHKP Datasheet HTML 4Page - Sinopower Semiconductor Inc SM7323EHKP Datasheet HTML 5Page - Sinopower Semiconductor Inc SM7323EHKP Datasheet HTML 6Page - Sinopower Semiconductor Inc SM7323EHKP Datasheet HTML 7Page - Sinopower Semiconductor Inc SM7323EHKP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM7323EHKP Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SM7323EHKP
www.sinopowersemi.com
3
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.1 - February, 2017
®
Channel 1 Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Channel 1
Unit
Min.
Typ.
Max.
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250mA
30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=24V, VGS=0V
-
-
1
mA
TJ=85°C
-
-
30
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250mA
1.4
1.7
2.5
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±10
mA
RDS(ON)
e
Drain-Source On-state Resistance
VGS=10V, IDS=8A
-
6
7.2
m
W
TJ=125°C
-
8.6
-
VGS=4.5V, IDS=5A
-
9
12.2
Gfs
Forward Transconductance
VDS=5V, IDS=5A
-
17
-
S
Diode Characteristics
VSD
e
Diode Forward Voltage
ISD=1A, VGS=0V
-
0.7
1.1
V
trr
Reverse Recovery Time
IDS=8A, dlSD/dt=100A/ms
VDD=15V
-
23.7
-
ns
ta
Charge Time
-
10.5
-
tb
Discharge Time
-
13.2
-
Qrr
Reverse Recovery Charge
-
11.6
-
nC
Dynamic Characteristics
f
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
-
1.6
3.2
W
Ciss
Input Capacitance
VGS=0V,
VDS=15V,
Frequency=1.0MHz
-
660
-
pF
Coss
Output Capacitance
-
420
-
Crss
Reverse Transfer Capacitance
-
120
-
td(ON)
Turn-on Delay Time
VDD=15V, RL=15W,
IDS=1A, VGEN=10V,
RG=6W
-
11
-
ns
tr
Turn-on Rise Time
-
9.2
-
td(OFF)
Turn-off Delay Time
-
19.6
-
tf
Turn-off Fall Time
-
16
-
Gate Charge Characteristics
f
Qg
Total Gate Charge
VDS=15V, VGS=4.5V,
IDS=8A
-
6.8
-
nC
Qg
Total Gate Charge
VDS=15V, VGS=10V,
IDS=8A
-
12.4
-
Qgth
Threshold Gate Charge
-
0.65
-
Qgs
Gate-Source Charge
-
0.95
-
Qgd
Gate-Drain Charge
-
3.8
-
Note e:Pulse test ; pulse width
£300ms, duty cycle£2%.
Note f:Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com