Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7323EHKP Datasheet(PDF) 2 Page - Sinopower Semiconductor Inc

Part # SM7323EHKP
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM7323EHKP Datasheet(HTML) 2 Page - Sinopower Semiconductor Inc

  SM7323EHKP Datasheet HTML 1Page - Sinopower Semiconductor Inc SM7323EHKP Datasheet HTML 2Page - Sinopower Semiconductor Inc SM7323EHKP Datasheet HTML 3Page - Sinopower Semiconductor Inc SM7323EHKP Datasheet HTML 4Page - Sinopower Semiconductor Inc SM7323EHKP Datasheet HTML 5Page - Sinopower Semiconductor Inc SM7323EHKP Datasheet HTML 6Page - Sinopower Semiconductor Inc SM7323EHKP Datasheet HTML 7Page - Sinopower Semiconductor Inc SM7323EHKP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM7323EHKP Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SM7323EHKP
www.sinopowersemi.com
2
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.1 - February, 2017
®
Symbol
Parameter
Channel 1 Channel 2
Unit
Common Ratings
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
±20
V
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to 150
°C
IS
Diode Continuous Forward Current
15
18
A
ID
Continuous Drain Current
TC=25°C
25
a
27
a
A
TC=100°C
25 a
27 a
PD
Maximum Power Dissipation
TC=25°C
20
25
W
TC=100°C
8
10
RqJC
Thermal Resistance-Junction to Case
Steady State
6
5
°C/W
ID
Continuous Drain Current
TA=25°C
9.9
11.8
A
TA=70°C
7.9
9.4
IDM
b
Pulse Drain Current
TA=25°C
40
47
A
PD
Maximum Power Dissipation
TA=25°C
1.13
1.3
W
TA=70°C
0.72
0.83
RqJA
c
Thermal Resistance-Junction to Ambient
t
£ 10s
54
48
°C/W
Steady State
110
96
IAS
d
Avalanche Current, Single pulse
L=0.1mH
16
20
A
EAS
d
Avalanche Energy, Single pulse
L=0.1mH
12.8
20
mJ
Note a:Max. continuous current is limited by bonding wire.
Note b:Pulse width is limited by max. junction temperature.
Note c:Surface mounted on 1in
2 pad area, steady state t=999s.
Note d:UIS tested and pulse width are limited by maximum junction temperature 150
oC (initial temperature Tj=25oC).
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com