Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7939W Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC7939W
Description  Laser Diode Driver with Automatic Power Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7939W Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC7939W Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7939W Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7939W Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7939W Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7939W Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7939W Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7939W Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7939W Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7939W Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7939
SONET/SDH 3.125Gb/s
Laser Diode Driver with Automatic Power Control
G52350-0, Rev 3.2
Page 13
02/26/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
IMD vs. RAPCSET,
T=
25°C, V
CC = 3.3V
IMD vs. RAPCSET,
T=
25°C, V
CC = 5V
Rise and Fall Times
T=8
5°C, V=3.3V
Monte Carlo Simulation of ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com