Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7939W Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7939W
Description  Laser Diode Driver with Automatic Power Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7939W Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7939W Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7939W Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7939W Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7939W Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7939W Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7939W Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7939W Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7939W Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7939W Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7939
SONET/SDH 3.125Gb/s
Laser Diode Driver with Automatic Power Control
Page 2
G52350-0, Rev 3.2
02/26/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Electrical Characteristics
Table 1: AC Specifications
AC specifications are guaranteed by design and characterization. Typical values are for 3.3V.
NOTES: (1) Measured with 622Mb/s 0-1 pattern, LATCH=high. (2) PWD = (wider pulse - narrower pulse) / 2).
Table 2: DC Specifications
Symbol
Parameter
Min
Typ
Max
Units
Conditions
tSU
Input Latch Setup Time
100
ps
LATCH=high
tH
Input Latch Hold Time
100
ps
LATCH=high
Enable/Start-up Delay
250
ns
tR
Output Rise Time
60
80
ps
20% to 80%
tF
Output Fall Time
60
80
ps
20% to 80%
PWD
Pulse Width Distortion
10
50
ps
See Notes 1, 2
CIDMAX
Maximum Consecutive Identical Digits
80
bits
tJ
Jitter Generation
7
20
psp-p
Jitter BW=12kHz to 20MHz,
0-1 pattern.
Symbol
Parameter
Min
Typ
Max
Units
Conditions
ICC
Supply Current
TBD
45
mA
RMODSET=7.3kΩ
RBIASMAX=4.8kΩ
IBIAS and IMOD excluded
VCC=5V
IBIAS
Bias Current Range
1
100
mA
Voltage at BIAS pin=(VCC-1.6)
IBIAS-OFF
Bias Off Current
100
µA
ENABLE=low or
DISABLE=high(1)
SBIAS
Bias Current Stability
230
ppm/
°C
APC open loop. IBIAS=100mA
900
APC open loop. IBIAS=1mA
Bias Current Absolute Accuracy
±15
%
Refers to part-to-part variation
VRMD
Monitor Diode Reverse Bias Voltage
1.5
V
IMD
Monitor Diode Reverse Current Range
18
1000
µA
Monitor Diode Bias Setpoint Stability
-480
-50
480
ppm/
°C
IMD=1mA
(2)
90
IMD=18µA
(2)
Monitor Diode Bias Absolute Accuracy
-15
15
%
Refers to part-to-part variation
IMOD
Modulation Current Range
5
60
mA
IMOD-OFF
Modulation Off Current
200
µA
ENABLE=low or
DISABLE=high(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com