Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD4200B Datasheet(PDF) 1 Page - Will Semiconductor Ltd.

Part # SPD4200B
Description  1-Line, Bi-directional, Thyristor Surge Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD4200B Datasheet(HTML) 1 Page - Will Semiconductor Ltd.

  SPD4200B Datasheet HTML 1Page - Will Semiconductor Ltd. SPD4200B Datasheet HTML 2Page - Will Semiconductor Ltd. SPD4200B Datasheet HTML 3Page - Will Semiconductor Ltd. SPD4200B Datasheet HTML 4Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPD4200B
Will Semiconductor Ltd.
1
Revision 1.25, 2014/04/15
SPD4200B
1-Line, Bi-directional, Thyristor Surge Suppressors
Descriptions
The SPD4200B is a bi-directional TSS (Thyristor Surge
Suppressors). It is specifically designed to protect telecom
equipments from damaging overvoltage transients.
The SPD4200B is used to enable equipments to meet
various regulatory requirements including GR-1089-CORE,
ITU-T K.20, K.21 and K.45, IEC 61000-4-5, IEC 60950,
UL 60950, and TIA-968.
The SPD4200B is available in SMB package. Standard
products are Pb-free and Halogen-free.
Features
Peak off-state voltage: 400V Max
Excellent capability of absorbing transient surge
Quick response to surge voltage
Eliminate voltage overshoot caused by fast-rising
transients
Low capacitance: CJ = 55pF Max.
Low peak off-state current: <5μA
Solid-state silicon technology, no degradation
Applications
Broadband Equipment such as ADSL/VDSL
Baseband Equipment such as ISDN
CATV Equipment
Customer
Premises
Equipment
(CPE)
such
as
telephones, fax machines, modems and VoIP
Data lines and security systems
http//:www.sh-willsemi.com
SMB (DO-214AA)
Schematic Diagram
P4200SC
= Device code
YYWW
= Date code
Marking (Top View)
Order information
Device
Package
Shipping
SPD4200B-2/TR
SMB
3000/Tape&Reel


Similar Part No. - SPD4200B

ManufacturerPart #DatasheetDescription
logo
API Delevan
SPD42R API-SPD42R Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
SPD42R-103M API-SPD42R-103M Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
SPD42R-104M API-SPD42R-104M Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
SPD42R-122M API-SPD42R-122M Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
SPD42R-123M API-SPD42R-123M Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
More results

Similar Description - SPD4200B

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
SPD8811B WILLSEMI-SPD8811B Datasheet
192Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9231A WILLSEMI-SPD9231A Datasheet
162Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9231B WILLSEMI-SPD9231B Datasheet
180Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9241A WILLSEMI-SPD9241A Datasheet
187Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9251A WILLSEMI-SPD9251A Datasheet
191Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9261A WILLSEMI-SPD9261A Datasheet
335Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9321A WILLSEMI-SPD9321A Datasheet
145Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9511B WILLSEMI-SPD9511B Datasheet
441Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9611B WILLSEMI-SPD9611B Datasheet
497Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9811B WILLSEMI-SPD9811B Datasheet
261Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com