Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD4200B Datasheet(PDF) 2 Page - Will Semiconductor Ltd.

Part # SPD4200B
Description  1-Line, Bi-directional, Thyristor Surge Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD4200B Datasheet(HTML) 2 Page - Will Semiconductor Ltd.

  SPD4200B Datasheet HTML 1Page - Will Semiconductor Ltd. SPD4200B Datasheet HTML 2Page - Will Semiconductor Ltd. SPD4200B Datasheet HTML 3Page - Will Semiconductor Ltd. SPD4200B Datasheet HTML 4Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPD4200B
Will Semiconductor Ltd.
2
Revision 1.25, 2014/04/15
Electrical characteristics (TA=25
oC, unless otherwise noted)
Notes:
1)
Vs is measured at 100kV/s.
2)
Off-state capacitance is measured at f = 1MHz, VDC = 2V.
Surge rating
Notes:
1)
Current waveform.
2)
Voltage waveform.
I
V
VDRM
VS
IDRM
IH
IT
VT
VDRM Peak off-state voltage
IDRM
Peak off-state current
VS
Switching voltage
IS
Switching current
IH
Holding current
VT
On-state voltage
IT
On-state current
IS
Definitions of electrical characteristics
Part Number
VDRM
IDRM
VS
1)
IS
IH
VT
IT
CO
2)
V
μA
V
mA
mA
V
A
pF
Max.
Max.
max
Max.
Max.
SPD4200B
400
5
500
800
150
4
2.2
55
Part Number
8/20μs
1)
5/310μs
1)
10/1000μs
1)
1.2/50μs
2)
10/700μs
2)
10/1000μs
2)
SPD4200B
500
200
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com