Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8116QP2 Datasheet(PDF) 9 Page - Vitesse Semiconductor Corporation

Part # VSC8116QP2
Description  ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8116QP2 Datasheet(HTML) 9 Page - Vitesse Semiconductor Corporation

Back Button VSC8116QP2 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 13Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
G52220-0, Rev 4.1
© VITESSE SEMICONDUCTOR CORPORATION
Page 9
1/8/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8116
ATM/SONET/SDH 622/155Mb/s Transceiver
Mux/Demux with Integrated Clock Generation
Table 5: Receive High Speed Data Input Timing Table
(STS-3 Operation)
Figure 8: Transmit Data Input Timing Diagram
Table 6: Transmit Data Input Timing Table
(STS-12 Operation)
Table 7: Transmit Data Input Timing Table
(STS-3 Operation)
Note: Duty cycle for TXLSCKOUT is 50% +/- 10% worst case
Parameter
Description
Min
Typ
Max
Units
TRXCLK
Receive clock period
-
6.43
-
ns
TRXSU
Serial data setup time with respect to RXCLKIN
1.5
-
-
ns
TRXH
Serial data hold time with respect to RXCLKIN
1.5
-
-
ns
Parameter
Description
Min
Typ
Max
Units
TINSU
Transmit data setup time with respect to TXLSCKOUT
1.0
-
-
ns
TINH
Transmit data hold time with respect to TXLSCKOUT
1.0
-
-
ns
Parameter
Description
Min
Typ
Max
Units
TINSU
Transmit data setup time with respect to TXLSCKOUT
1.0
-
-
ns
TINH
Transmit data hold time with respect to TXLSCKOUT
1.0
-
-
ns
TCLKOUT
TINSU
TINH
TXLSCKOUT
TXIN [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com