Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8116QP2 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC8116QP2
Description  ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8116QP2 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC8116QP2 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
G52220-0, Rev 4.1
© VITESSE SEMICONDUCTOR CORPORATION
Page 13
1/8/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8116
ATM/SONET/SDH 622/155Mb/s Transceiver
Mux/Demux with Integrated Clock Generation
Package Pin Description
Signal
Pin
I/O
Level
Pin Description
RESET
1
I
TTL
Resets frame detection, dividers, controls; active high
LOOPTIM0
2
I
TTL
Enable loop timing operation; active HIGH
CMUFREQSEL
3
I
TTL
Reference clock frequency select, refer to table 2
VDD
4
P
+3.3V
+3.3V Power Supply
TXDATAOUT+
5
O
PECL
Transmit output, high speed differential data +
TXDATAOUT-
6
O
PECL
Transmit output, high speed differential data -
N/C
7
-
-
No connection
RXCLKIN+
8
I
PECL
Receive high speed differential clock input+
RXCLKIN-
9
I
PECL
Receive high speed differential clock input-
VDD
10
P
+3.3V
+3.3V Power Supply
OOF
11
I
TTL
Out Of Frame; Frame detection initiated with high level
N/C
12
-
-
No connection
RXDATAIN+
13
I
PECL
Receive high speed differential data input+
RXDATAIN-
14
I
PECL
Receive high speed differential data input-
VDD
15
P
+3.3V
+3.3V Power Supply
N/C
16
-
-
No connection
N/C
17
-
-
No connection
VDD
18
P
+3.3V
+3.3V Power Supply
RXOUT0
19
O
TTL
Receive output data bit0
RXOUT1
20
O
TTL
Receive output data bit1
VSS
21
P
GND
Ground
RXOUT2
22
O
TTL
Receive output data bit2
RXOUT3
23
O
TTL
Receive output data bit3
RXOUT4
24
O
TTL
Receive output data bit4
RXOUT5
25
O
TTL
Receive output data bit5
RXOUT6
26
O
TTL
Receive output data bit6
RXOUT7
27
O
TTL
Receive output data bit7
VSS
28
P
GND
Ground
RXLSCKOUT
29
O
TTL
Receive byte clock output
FP
30
O
TTL
Frame detection pulse
VDD
31
P
+3.3V
+3.3V Power Supply
N/C
32
-
-
No connection
LOSTTL
33
I
TTL
Loss of Signal Control - TTL input; active low
VDD
34
P
+3.3V
+3.3V Power Supply
VSS
35
P
GND
Ground
REFCLK
36
I
TTL
Reference clock input, refer to table 2
VSSA
37
P
GND
Analog Ground (CMU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com