Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM05U Datasheet(PDF) 1 Page - D+H Mechatronic AG

Part # VCM05U
Description  CNV control panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

VCM05U Datasheet(HTML) 1 Page - D+H Mechatronic AG

  VCM05U Datasheet HTML 1Page - D+H Mechatronic AG VCM05U Datasheet HTML 2Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Operation elements
Weather sensors
Performance features
» Compact ventilation control panel
» Up to 0.5 A total drive current
» 1 ventilation group
» Ventilation safety function (storage operation OPEN / CLOSED)
» Optional connection to rain detectors or wind / rain sensors without an
additional module
» Flush‑mounted installation in deep switch box Ø 58 mm
VCM 05U
VCM Series   CNV control panel
Accessories
We reserve the right to make changes.
©2018 D+H Mechatronic AG, Ammersbek


Similar Part No. - VCM05U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCM095 ETC-VCM095 Datasheet
419Kb / 20P
Pressure switches and pressure monitors for overpressure
More results

Similar Description - VCM05U

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
Panel Control
logo
TALEMA Group. LLC
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
Control Panel Transformers
logo
D+H Mechatronic AG
GVL8301-K DH-GVL8301-K Datasheet
273Kb / 2P
CNV control panel
GVL8304-K DH-GVL8304-K Datasheet
257Kb / 2P
CNV control panel
GVL8401-K-RC DH-GVL8401-K-RC Datasheet
276Kb / 2P
CNV control panel
GVL8408-M DH-GVL8408-M Datasheet
696Kb / 2P
CNV control panel
WRZ DH-WRZ Datasheet
377Kb / 2P
CNV control panel
WRZ8000 DH-WRZ8000 Datasheet
408Kb / 2P
CNV control panel
logo
Schneider Electric
HFNF120IESE020 SCHNEIDER-HFNF120IESE020 Datasheet
90Kb / 1P
Industrial/Control Panel
12-Feb-2023
HFNF120ICSE007 SCHNEIDER-HFNF120ICSE007 Datasheet
79Kb / 3P
Industrial/Control Panel
19-Feb-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com