Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM05U Datasheet(PDF) 2 Page - D+H Mechatronic AG

Part # VCM05U
Description  CNV control panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

VCM05U Datasheet(HTML) 2 Page - D+H Mechatronic AG

  VCM05U Datasheet HTML 1Page - D+H Mechatronic AG VCM05U Datasheet HTML 2Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Supply
230 V AC / 50 Hz / 15 VA
Output
24 V DC / 0.5 A
Mode of operation
Short‑time duty 20 % duty cycle
Type of protection
IP 30
Temperature range
0 °C ... +50 °C
Housing
Plastic
Colour
Light grey (~ RAL 7035)
W x H x D
50 x 48 x 28 mm
Weight
0.13 kg
Type
Art. No.
VCM 05U
30.241.40
Rain detector
Ventilation button
Drive
External control
VCM 05U
Group
Example of application
Design
Technical data
Status 01/2018



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com