Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLD51 Datasheet(PDF) 1 Page - D+H Mechatronic AG

Part # VLD51
Description  Linear lock drives
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

VLD51 Datasheet(HTML) 1 Page - D+H Mechatronic AG

  VLD51 Datasheet HTML 1Page - D+H Mechatronic AG VLD51 Datasheet HTML 2Page - D+H Mechatronic AG VLD51 Datasheet HTML 3Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
24 V DC
VLD 51
Performance features
» Can be used for openings for smoke exhaust; D+H Euro SHEV in
accordance with EN 12101‑2; and for daily ventilation
» For operating standard latch pane fittings
» Connection of D+H window drives with BRV message
» Window drives with a total current up to 2.5 A can be connected
» Manual emergency unlocking possible
» Configurable locking direction on the drive
» Increased burglary protection
Potential drive options
VLD Series   Linear lock drives
You can find the explanations for the icons on the last page
We reserve the right to make changes.
©2018 D+H Mechatronic AG, Ammersbek


Similar Part No. - VLD51

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
VLD51-BSY DH-VLD51-BSY Datasheet
389Kb / 3P
Series Linear lock drives
More results

Similar Description - VLD51

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6504H SANYO-LA6504H Datasheet
94Kb / 10P
Monolithic Linear IC DVD System motor Drives
logo
Vincotech
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
Industrial drives Embedded drives
V23990-P543-X2X-D4-14 VINCOTECH-V23990-P543-X2X-D4-14 Datasheet
922Kb / 23P
Industrial drives Embedded drives
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
Industrial drives Embedded drives
V23990-P545-X2X-D4-14 VINCOTECH-V23990-P545-X2X-D4-14 Datasheet
880Kb / 23P
Industrial drives Embedded drives
V23990-P545-X3X-D4-14 VINCOTECH-V23990-P545-X3X-D4-14 Datasheet
898Kb / 23P
Industrial drives Embedded drives
V23990-P546-X2X-D5-14 VINCOTECH-V23990-P546-X2X-D5-14 Datasheet
811Kb / 23P
Industrial drives Embedded drives
V23990-P588-X88-D1-14 VINCOTECH-V23990-P588-X88-D1-14 Datasheet
1Mb / 23P
Industrial drives embedded drives
V23990-P589-X4X-D2-14 VINCOTECH-V23990-P589-X4X-D2-14 Datasheet
1Mb / 23P
Industrial drives Embedded Drives
logo
D+H Mechatronic AG
VLD51-BSY DH-VLD51-BSY Datasheet
389Kb / 3P
Series Linear lock drives
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com