Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLD51 Datasheet(PDF) 2 Page - D+H Mechatronic AG

Part # VLD51
Description  Linear lock drives
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

VLD51 Datasheet(HTML) 2 Page - D+H Mechatronic AG

  VLD51 Datasheet HTML 1Page - D+H Mechatronic AG VLD51 Datasheet HTML 2Page - D+H Mechatronic AG VLD51 Datasheet HTML 3Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZE
RTIFIZIERT
CERTIFIED
EN 12101-2
UR
O RWA
D+H E
UR
397
493
359
25
25
38
Supply
24 V DC / ±20 % / 1 A
Duty cycle
30 %
Locking force
500 N
Breakaway force
1000 N
Service life
> 10000 cycles
OPEN running speed
4.2 mm/s
CLOSED running speed
4.2 mm/s
Type of protection
IP 50
Emission sound pressure level
LpA ≤ 70 dB(A)
Temperature range
‑5 °C ... +50 °C
Housing
V2A stainless steel
Connection
2.5 m silicone cable
W x H x D
493 x 25 x 25 mm
Type
Art. No.
Stroke
Weight
Remark
VLD 51/038
23.060.50
38 mm
1.20 kg
VLD
23.060.00
1.20 kg
Variable equipment possible
PI‑VLD
23.066.10
0.20 kg
Integrated installation
RE‑VLD
23.066.00
0.20 kg
Mounted installation
VLD‑BS009‑IM
24.AFK.KS
0.20 kg
Mounted installation
Article also available with the following permissions under other article
numbers. Technical data may deviate.
C
US
Dimensions
All specifications in mm
Design
Technical data
Approvals / Certificates
Find out about permission details from your D+H Partner
Status 01/2018



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com