Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD5D12-R47M Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # SD5D12-R47M
Description  SLIM INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

SD5D12-R47M Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  SD5D12-R47M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. SD5D12-R47M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. SD5D12-R47M Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS
Your Perfect Inductor
Rev.1801
SD5D12 TYPE
●FEATURE
1.
Low profile and small size(Height=1.20MAX)
2.
Low DC resistance
3.
Magnetic Shielding type
●Applications
1.
LCD panels
2.
Digital camera, others portable
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=5.30m/m MAX ; B=5.30m/m MAX ; C=1.20m/m MAX ; D=2.00m/m REF. ; MARKING= Inductance value
●Specification
Part Number
L
(uH)
Marking
DCR
(ΩTyp.)
Isat
(A)
Irms
(A)
SD5D12-R47M
0.47±20%
R47
0.0246
3.86
3.19
SD5D12-1R2M
1.20±20%
1R2
0.0366
2.45
2.62
SD5D12-1R5M
1.50±20%
1R5
0.0521
2.08
2.19
SD5D12-2R2M
2.20±20%
2R2
0.0747
1.80
1.83
SD5D12-3R3M
3.30±20%
3R3
0.1043
1.42
1.55
SD5D12-4R7M
4.70±20%
4R7
0.1177
1.29
1.46
SD5D12-6R2M
6.20±20%
6R2
0.1699
1.08
1.21
SD5D12-8R2M
8.20±20%
8R2
0.2399
0.931
1.02
SD5D12-100M
10±20%
100
0.2844
0.818
0.938
SD5D12-150M
15±20%
150
0.4089
0.692
0.782
SD5D12-220M
22±20%
220
0.6338
0.574
0.628
SD5D12-330M
33±20%
330
0.9289
0.474
0.519
SD5D12-470M
47±20%
470
1.37
0.391
0.428
SD5D12-680M
68±20%
680
2.16
0.325
0.341
SD5D12-820M
82±20%
820
2.36
0.297
0.326
SD5D12-101M
100±20%
101
2.64
0.273
0.308
2.575
5.95
1.0
R2.250
2.975


Similar Part No. - SD5D12-R47M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
SD5D12-R47M FENGJUI-SD5D12-R47M Datasheet
176Kb / 6P
SLIM INDUCTOR-RoHS
More results

Similar Description - SD5D12-R47M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PQH252010H-R FENGJUI-PQH252010H-R Datasheet
193Kb / 2P
SLIM INDUCTOR-RoHS
S3D18P FENGJUI-S3D18P Datasheet
160Kb / 3P
SLIM INDUCTOR-RoHS
SDIA3012 FENGJUI-SDIA3012 Datasheet
201Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4030 FENGJUI-SDIA4030 Datasheet
179Kb / 3P
SLIM INDUCTOR-RoHS
SDIA5020 FENGJUI-SDIA5020 Datasheet
161Kb / 2P
SLIM INDUCTOR-RoHS
SDIA5040 FENGJUI-SDIA5040 Datasheet
158Kb / 2P
SLIM INDUCTOR-RoHS
SDIA6012 FENGJUI-SDIA6012 Datasheet
146Kb / 2P
SLIM INDUCTOR-RoHS
SDIA8020 FENGJUI-SDIA8020 Datasheet
209Kb / 2P
SLIM INDUCTOR-RoHS
TPRH2D14 FENGJUI-TPRH2D14 Datasheet
182Kb / 2P
SLIM INDUCTOR-RoHS
SD5D18 FENGJUI-SD5D18 Datasheet
288Kb / 3P
SLIM INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com