Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD5D12-R47M Datasheet(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # SD5D12-R47M
Description  SLIM INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

SD5D12-R47M Datasheet(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

  SD5D12-R47M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. SD5D12-R47M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. SD5D12-R47M Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS
Your Perfect Inductor
Rev.1801
Part Number
L
(uH)
Marking
DCR
(ΩTyp.)
Isat
(A)
Irms
(A)
SD5D12-151M
150±20%
151
3.96
0.220
0.251
SD5D12-221M
220±20%
221
4.76
0.181
0.229
SD5D12-331M
330±20%
331
7.25
0.148
0.186
SD5D12-471M
470±20%
471
8.95
0.126
0.167
SD5D12-681M
680±20%
681
11.30
0.104
0.149
SD5D12-821M
820±20%
821
14.93
0.095
0.129
SD5D12-102M
1000±20%
102
17.20
0.086
0.121
Note1. Measurement frequency of Inductance value : at 100KHz, 0.25V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. IDC : This indicates the value of current when the inductances is 20% lower than its initial
value at D.C. superimposition or D.C. current when at
Δt=40℃,which is lower.(Ta=20℃)
Note4.Packaging: Taping ; Quantity: 1000 Piece/reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com