Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD5D14-R87N Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # SD5D14-R87N
Description  SLIM INDUCTOR-RoHSHF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

SD5D14-R87N Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  SD5D14-R87N Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. SD5D14-R87N Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. SD5D14-R87N Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS+HF
Your Perfect Inductor
Rev.1801
SD5D14 TYPE
●FEATURE
1.
Low profile and small size
2.
Low DC resistance
3.
Magnetic Shielding type
●Applications
1.
LCD panels
2.
Digital camera,PDA and others portable
●Shape and Dimension
●Schematics and Land Patterns(mm)
●Specification
Dimension in m/m
TYPE
A
D
E
SD5D14
5.30MAX
1.45MAX
1.50
Note1. Measurement frequency of Inductance value : at 100KHz
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 30% from its value without current
Note4. Irms: Average current for 40℃ temperature rise from 25℃ ambient
Note5. Inductance tolerance: M: ±20% ; N: ±30%
Note6. Ordering Code: TYPE NAME: SD5D14
Main Inductance: 100 (10uH)
Tolerance : M (±20%)
Note7.Packaging: Taping ; Quantity: 2000 Piece/reel
Note8. This specification might be changed without notice due to under developing and improving.
Thank you for your understanding.
2.575
2.975
5.95
5.15
1.0
R2.250


Similar Part No. - SD5D14-R87N

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
SD5D14-R87M FENGJUI-SD5D14-R87M Datasheet
176Kb / 6P
SLIM INDUCTOR-RoHS
More results

Similar Description - SD5D14-R87N

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TP4212-1R0M-R FENGJUI-TP4212-1R0M-R Datasheet
124Kb / 2P
SLIM INDUCTOR-RoHS & HF
SDIA3012 FENGJUI-SDIA3012 Datasheet
201Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4030 FENGJUI-SDIA4030 Datasheet
179Kb / 3P
SLIM INDUCTOR-RoHS
SDIA5020 FENGJUI-SDIA5020 Datasheet
161Kb / 2P
SLIM INDUCTOR-RoHS
SDIA5040 FENGJUI-SDIA5040 Datasheet
158Kb / 2P
SLIM INDUCTOR-RoHS
SDIA6012 FENGJUI-SDIA6012 Datasheet
146Kb / 2P
SLIM INDUCTOR-RoHS
TP4210-R FENGJUI-TP4210-R Datasheet
151Kb / 2P
SLIM INDUCTOR-RoHS & HF
TP4225-E FENGJUI-TP4225-E Datasheet
148Kb / 2P
SLIM INDUCTOR-RoHS & HF
TPRH2D14 FENGJUI-TPRH2D14 Datasheet
182Kb / 2P
SLIM INDUCTOR-RoHS
SD5D18 FENGJUI-SD5D18 Datasheet
288Kb / 3P
SLIM INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com