Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD5D14-R87N Datasheet(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # SD5D14-R87N
Description  SLIM INDUCTOR-RoHSHF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

SD5D14-R87N Datasheet(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

  SD5D14-R87N Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. SD5D14-R87N Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. SD5D14-R87N Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS+HF
Your Perfect Inductor
Rev.1801
Part Number
L
(uH)
Marking
DCR
(ΩTyp.)
Isat
(A)
Irms
(A)
SD5D14-R58N
0.58±30%
R58
0.0220
4.84
3.52
SD5D14-R87N
0.87±30%
R87
0.0243
3.96
3.20
SD5D14-1R2N
1.2±30%
1R2
0.0344
3.35
2.70
SD5D14-1R5N
1.5±30%
1R5
0.0390
2.91
2.53
SD5D14-2R0N
2.0±30%
2R0
0.0445
2.56
2.37
SD5D14-2R5N
2.5±30%
2R5
0.0595
2.29
2.05
SD5D14-3R2N
3.2±30%
3R2
0.0663
2.08
1.94
SD5D14-4R5N
4.5±30%
4R5
0.0935
1.74
1.64
SD5D14-6R9N
6.9±30%
6R9
0.1363
1.41
1.35
SD5D14-8R8N
8.8±30%
8R8
0.1913
1.25
1.14
SD5D14-100M
10±20%
100
0.2058
1.18
1.10
SD5D14-150M
15±20%
150
0.2609
0.969
0.98
SD5D14-220M
22±20%
220
0.3853
0.793
0.806
SD5D14-330M
33±20%
330
0.5852
0.651
0.654
SD5D14-470M
47±20%
470
0.9055
0.538
0.525
SD5D14-680M
68±20%
680
1.11
0.449
0.474
SD5D14-820M
82±20%
820
1.50
0.407
0.408
SD5D14-101M
100±20%
101
1.68
0.373
0.386
SD5D14-151M
150±20%
151
2.52
0.301
0.315
SD5D14-221M
220±20%
221
3.77
0.249
0.258
SD5D14-331M
330±20%
331
5.92
0.203
0.206
SD5D14-471M
470±20%
471
8.34
0.171
0.173
SD5D14-681M
680±20%
681
10.3
0.142
0.156
SD5D14-821M
820±20%
821
13.9
0.129
0.134
SD5D14-102M
1000±20%
102
15.8
0.117
0.126



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com