Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS90 Datasheet(PDF) 2 Page - MotionKing Motor Industry Co.,Ltd.

Part # AS90
Description  AC Servo Motors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

AS90 Datasheet(HTML) 2 Page - MotionKing Motor Industry Co.,Ltd.

  AS90 Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. AS90 Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AC Servo Motors Catalog
MotionKing (China) Motor Industry Co., Ltd.
www.MotionKing.com
MK1401, Rev.05
General Feature
Insulation
Class
Class B (130℃)
Safety Grade
IP64
Operating
Environment
Temperature: -20℃ ~ +50℃
Humidity: under<90% (No Dewing)
Storage
Environment
Temperature: -30℃ ~ +60℃
Humidity: under<90% (No Dewing)
Winding Wires
U
V
W
PE
Winding
Connector
Pin No.
1
2
3
4
Signal
Wires
5
V
0V
B+
Z-
U+
Z+
U-
A+
V+
W+
V-
A-
B-
W-
PE
Encoder
Connector
Pin No.
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
*Note: We can manufacture products according to customer's requirements. * 17 Bit absolute encoder is also optional.
Dimensions: unit=mm
Shaft:
Model
L (mm)
AS90-30-024E25
149
AS90-20-035E25
171
AS90-25-040E25
181



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com