Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS90 Datasheet(PDF) 1 Page - MotionKing Motor Industry Co.,Ltd.

Part # AS90
Description  AC Servo Motors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

AS90 Datasheet(HTML) 1 Page - MotionKing Motor Industry Co.,Ltd.

  AS90 Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. AS90 Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC Servo Motors Catalog
MotionKing (China) Motor Industry Co., Ltd.
www.MotionKing.com
MK1401, Rev.05
AS90 AC Servo Motors
Electrical Specifications:
AS90-30-024E25
AS90-20-035E25
AS90-25-040E25
Rated Power (KW)
0.75
0.73
1.0
Rated Voltage (V)
220
220
220
Rated Current (A)
3
3.0
4
Rated Speed (RPM)
3000
2000
2500
Rated Torque (N.m)
2.4
3.5
4
Peak Torque (N.m)
7.1
10.5
12
Peak Current (A)
9
9
12
Voltage Constant
(V/1000r/min)
51
67
60
Torque Coefficient
(N.m/A)
0.8
1.2
1.0
Rotor Inertia
(Kg.m2)
2.45x10-4
3.4x10-4
3.7x10-4
Resistance (Ω)
3.2
4.06
2.69
Inductance (mH)
7.0
9.7
6.21
Electrical Time
Constant (ms)
2.2
2.39
2.3
Weight (Kg)
3.4
3.8
4.13
Encoder Resolution
(PPR)
2500
2500
2500
Body Length (L,
mm)
149
171
181


Similar Part No. - AS90

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AS9006-A COILCRAFT-AS9006-A Datasheet
154Kb / 1P
Ultra-Small CO Driver Transformers
AS9015-A COILCRAFT-AS9015-A Datasheet
154Kb / 1P
Ultra-Small CO Driver Transformers
logo
Gamewell-FCI by Honeywe...
AS9024 GAMEWELL-FCI-AS9024 Datasheet
240Kb / 4P
Cooper-Wheelock AS/AH Serles
AS9025 GAMEWELL-FCI-AS9025 Datasheet
240Kb / 4P
Cooper-Wheelock AS/AH Serles
More results

Similar Description - AS90

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MSMA PANASONIC-MSMA Datasheet
1Mb / 39P
Minas A Series Digital AC Servo Motors & Drivers
MDMA152 PANASONIC-MDMA152 Datasheet
234Kb / 5P
Minas A Series Digital AC Servo Motors & Drivers
logo
MotionKing Motor Indust...
AS40 MOTIONKING-AS40 Datasheet
187Kb / 2P
AC Servo Motors
AS60 MOTIONKING-AS60 Datasheet
175Kb / 3P
AC Servo Motors
AS80 MOTIONKING-AS80 Datasheet
154Kb / 2P
AC Servo Motors
AS110 MOTIONKING-AS110 Datasheet
166Kb / 3P
AC Servo Motors
AS130 MOTIONKING-AS130 Datasheet
171Kb / 3P
AC Servo Motors
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
AC Servo Motors
AS180 MOTIONKING-AS180 Datasheet
164Kb / 3P
AC Servo Motors
logo
Leadshine Technology Co...
ELVM LEADSHINE-ELVM Datasheet
735Kb / 3P
ELVM Series Servo Motors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com