Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS110 Datasheet(PDF) 1 Page - MotionKing Motor Industry Co.,Ltd.

Part # AS110
Description  AC Servo Motors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

AS110 Datasheet(HTML) 1 Page - MotionKing Motor Industry Co.,Ltd.

  AS110 Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. AS110 Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd. AS110 Datasheet HTML 3Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AC Servo Motors Catalog
MotionKing (China) Motor Industry Co., Ltd.
www.MotionKing.com
MK1401, Rev.05
AS110 AC Servo Motors
Electrical Specifications:
AS110-30-
020E25
AS110-20-
040E25
AS110-30-
040E25
AS110-20-
050E25
Rated Power (KW)
0.6
0.8
1.2
1.0
Rated Voltage (V)
220
220
220
220
Rated Current (A)
2.5
3.5
5.0
4.5
Rated Speed (RPM)
3000
2000
3000
2000
Rated Torque (N.m)
2
4
4
5
Peak Torque (N.m)
6
12
12
10
Peak Current (A)
7.5
10.5
15
13.5
Voltage Constant
(V/1000r/min)
56
79
54
86
Torque Coefficient
(N.m/A)
0.8
1.14
0.8
1.11
Rotor Inertia (Kg.m2)
0.3110-3
0.5410-3
0.5410-3
0.6310-3
Resistance (Ω)
3.6
2.41
1.09
2.14
Inductance (mH)
8.32
7.3
3.3
6.5
Electrical Time
Constant (ms)
2.3
3
3.0
3.0
Weight (Kg)
4.5
5.5
5.5
6.1
Encoder Resolution
(PPR)
2500
2500
2500
2500
Body Length (L, mm)
159
189
189
204


Similar Part No. - AS110

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100 Datasheet
396Kb / 17P
Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100 Datasheet
1Mb / 17P
Serially Interfaced, 8-Digit LED Driver
logo
TEXAS ADVANCED OPTOELEC...
AS1100 TAOS-AS1100 Datasheet
1Mb / 17P
Serially Inter faced, 8-Digi t LED Dr iver
logo
ams-OSRAM AG
AS1100 AMSOSRAM-AS1100 Datasheet
1Mb / 18P
Ser ial ly Inter faced, 8-Digi t LED Dr iver
Revision 1.37
More results

Similar Description - AS110

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MSMA PANASONIC-MSMA Datasheet
1Mb / 39P
Minas A Series Digital AC Servo Motors & Drivers
MDMA152 PANASONIC-MDMA152 Datasheet
234Kb / 5P
Minas A Series Digital AC Servo Motors & Drivers
logo
MotionKing Motor Indust...
AS40 MOTIONKING-AS40 Datasheet
187Kb / 2P
AC Servo Motors
AS60 MOTIONKING-AS60 Datasheet
175Kb / 3P
AC Servo Motors
AS80 MOTIONKING-AS80 Datasheet
154Kb / 2P
AC Servo Motors
AS90 MOTIONKING-AS90 Datasheet
156Kb / 2P
AC Servo Motors
AS130 MOTIONKING-AS130 Datasheet
171Kb / 3P
AC Servo Motors
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
AC Servo Motors
AS180 MOTIONKING-AS180 Datasheet
164Kb / 3P
AC Servo Motors
logo
Leadshine Technology Co...
ELVM LEADSHINE-ELVM Datasheet
735Kb / 3P
ELVM Series Servo Motors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com