Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1100 Datasheet (PDF) - ams-OSRAM AG

AS1100 Datasheet PDF - ams-OSRAM AG
Part # AS1100
Download  AS1100 Download
File Size   1381.98 Kbytes
Page   18 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Ser ial ly Inter faced, 8-Digi t LED Dr iver

AS1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1100 Datasheet PDF - ams-OSRAM AG

Part # AS1100
Download  AS1100 Click to download

File Size   1381.98 Kbytes
Page   18 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Ser ial ly Inter faced, 8-Digi t LED Dr iver

AS1100 Datasheet (HTML) - ams-OSRAM AG


AS1100 Product details

1 General Description
The AS1100 is an LED driver for 7 segment numeric displays of up to
8 digits. The AS1100 can be programmed via a conventional 4 wire
serial interface.
The device includes a BCD code-B decoder, a multiplex scan
circuitry, segment and display drivers, and a 64 Bit memory. The
memory is used to store the LED settings, so that continuous
reprogramming is not necessary.
Every individual segment can be addressed and updated separately.
Only one external resistor is required to set the current through the
LED display. Brightness can be controlled either in an analog or
digital way. The user can choose the internal code-B decoder to
display numeric digits or to address each segment directly.
The AS1100 features an extremely low shutdown current of only
200A and an operational current of less than 5000A. The number of
visible digits can be programmed as well. The AS1100 can be reset
by software and an external clock can be used. Several test modes
support easy debugging.
The AS1100 is offered in a 24-pin SOIC package.
2 Key Features
 10MHz Serial Interface
 Individual LED Segment Control
 Decode/No-Decode Digit Selection
 200A Low-Power Shutdown (Data Retained)
 Extremely low Operating Current 0.5mA in open loop
 Digital and Analog Brightness Control
 Display Blanked on Power-Up
 Drive Common-Cathode LED Display
 Software Reset
 Optional External clock
 24-pin SOIC Package
3 Applications
The AS1100 is an ideal solution for Bar-Graph Displays, Industrial
Controllers, Panel Meters, LED Matrix Displays and White Goods
such as washing machines and dishwasher.




Similar Part No. - AS1100

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100 Datasheet
396Kb / 17P
Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100 Datasheet
1Mb / 17P
Serially Interfaced, 8-Digit LED Driver
logo
TEXAS ADVANCED OPTOELEC...
AS1100 TAOS-AS1100 Datasheet
1Mb / 17P
Serially Inter faced, 8-Digi t LED Dr iver
logo
ams AG
AS1100PE AMSCO-AS1100PE Datasheet
140Kb / 12P
Serially Interfaced, 8-Digit LED Driver
More results


Similar Description - AS1100

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3661 AMSCO-AS3661 Datasheet
3Mb / 87P
Programmable 9-channel LED Dr iver
AS1108 AMSCO-AS1108_12 Datasheet
1Mb / 21P
4-Digi t LED Display Dr iver
AS1115 AMSCO-AS1115_12 Datasheet
3Mb / 26P
64 LEDs, IC Inter faced LED Dr iver wi th Keyscan
AS1116 AMSCO-AS1116_12 Datasheet
2Mb / 24P
64 LED Dr iver wi th Detai led Er ror Detect ion
AS1123 AMSCO-AS1123 Datasheet
2Mb / 25P
Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
logo
TEXAS ADVANCED OPTOELEC...
AS1100 TAOS-AS1100 Datasheet
1Mb / 17P
Serially Inter faced, 8-Digi t LED Dr iver
AS1108 TAOS-AS1108 Datasheet
1Mb / 21P
4-Digi t LED Display Dr iver
AS1115 TAOS-AS1115 Datasheet
3Mb / 26P
64 LEDs, I 짼C Inter faced LED Dr iver wi th Keyscan
AS1116 TAOS-AS1116 Datasheet
2Mb / 24P
64 LED Dr iver wi th Detai led Er ror Detect ion
logo
Inventronics Inc.
EUM-320SXXXLX INVENTRONICS-EUM-320SXXXLX Datasheet
2Mb / 19P
320W NFC Dr iver with INV Digital Dimming
Rev.D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com