Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1100 Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # AS1100
Description  Ser ial ly Inter faced, 8-Digi t LED Dr iver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1100 Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button AS1100 Datasheet HTML 4Page - ams-OSRAM AG AS1100 Datasheet HTML 5Page - ams-OSRAM AG AS1100 Datasheet HTML 6Page - ams-OSRAM AG AS1100 Datasheet HTML 7Page - ams-OSRAM AG AS1100 Datasheet HTML 8Page - ams-OSRAM AG AS1100 Datasheet HTML 9Page - ams-OSRAM AG AS1100 Datasheet HTML 10Page - ams-OSRAM AG AS1100 Datasheet HTML 11Page - ams-OSRAM AG AS1100 Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1100
Revision 1.37
6 - 16
AS1100
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
8.1 Serial-Addressing Modes
Programming of the AS1100 is done via 4 wire serial interface. A programming sequence consists of 16-bit packages. The data is shifted into the
internal 16 Bit register with the rising edge of the CLK signal. With the rising edge of the LOAD signal the data is latched into a digital or control
register depending on the address. The LOAD signal must go to high after the 16th rising clock edge. The LOAD signal can also come later but
just before the next rising edge of CLK, otherwise data would be lost. The content of the internal shift register is applied 16.5 clock cycles later to
the DOUT pin. The data is clocked out at the falling edge of CLK. The Bits of the 16Bit-programming package are described in Table 5. The first
4 Bits D15-D12 are don’t care, D11-D8 contain the address and D7-D0 contain the data. The first bit is D15, the most significant bit (MSB). The
exact timing is given in Figure 5.
Figure 5. Timing Diagram
8.2 Digit and Control Registers
The AS1100 incorporates 15 registers, which are listed in Table 5. The digit and control registers are selected via the 4Bit address word. The 8
digit registers are realized with a 64bit memory. Each digit can be controlled directly without rewriting the whole contents. The control registers
consist of decode mode, display intensity, number of scanned digits, shutdown, display test, and reset/external clock register.
8.3 Shutdown Mode
The AS1100 features a shutdown mode, where it consumes only 20 A current. The shutdown mode is entered via a write to register 0Ch. Then
all segment current sources are pulled to ground and all digit drivers are connected to VDD, so that nothing is displayed. All internal digit
registers keep the programmed values. The shutdown mode can either be used for power saving or for generating a flashing display by
repeatedly entering and leaving the shutdown mode. The AS1100 needs typically 250 s to exit the shutdown mode. During shutdown the
AS1100 is fully programmable. Only the display test function overrides the shutdown mode.
8.4 Initial Power-Up
After powering up the system all register are reset, so that the display is blank. The AS1100 starts the shutdown mode. All registers should be
programmed for normal operation. The default settings enable only scan of one digit, the internal decoder is disabled, data register and intensity
register are set to the minimum value.
Table 4. Serial Data Format (16bits)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
Address
MSB
Data
LSB
D0
D1
D15
D14
DOUT
DIN
CLK
LOAD
tCSW
tCL
tCH
tCP
tCS
tLDCK
tDO
tDS
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com