Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1100 Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # AS1100
Description  Ser ial ly Inter faced, 8-Digi t LED Dr iver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1100 Datasheet(HTML) 3 Page - ams-OSRAM AG

  AS1100 Datasheet HTML 1Page - ams-OSRAM AG AS1100 Datasheet HTML 2Page - ams-OSRAM AG AS1100 Datasheet HTML 3Page - ams-OSRAM AG AS1100 Datasheet HTML 4Page - ams-OSRAM AG AS1100 Datasheet HTML 5Page - ams-OSRAM AG AS1100 Datasheet HTML 6Page - ams-OSRAM AG AS1100 Datasheet HTML 7Page - ams-OSRAM AG AS1100 Datasheet HTML 8Page - ams-OSRAM AG AS1100 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
A S 11 0 0
S e r i a l l y I n t e r f a c e d , 8 - D i g i t L E D D r i v e r
www.austriamicrosystems.com/LED-Driver-ICs/AS1100
Revision 1.37
1 - 16
D a t a s h e e t
1 General Description
The AS1100 is an LED driver for 7 segment numeric displays of up to
8 digits. The AS1100 can be programmed via a conventional 4 wire
serial interface.
The device includes a BCD code-B decoder, a multiplex scan
circuitry, segment and display drivers, and a 64 Bit memory. The
memory is used to store the LED settings, so that continuous
reprogramming is not necessary.
Every individual segment can be addressed and updated separately.
Only one external resistor is required to set the current through the
LED display. Brightness can be controlled either in an analog or
digital way. The user can choose the internal code-B decoder to
display numeric digits or to address each segment directly.
The AS1100 features an extremely low shutdown current of only
20 A and an operational current of less than 500 A. The number of
visible digits can be programmed as well. The AS1100 can be reset
by software and an external clock can be used. Several test modes
support easy debugging.
The AS1100 is offered in a 24-pin SOIC package.
2 Key Features
10MHz Serial Interface
Individual LED Segment Control
Decode/No-Decode Digit Selection
20 A Low-Power Shutdown (Data Retained)
Extremely low Operating Current 0.5mA in open loop
Digital and Analog Brightness Control
Display Blanked on Power-Up
Drive Common-Cathode LED Display
Software Reset
Optional External clock
24-pin SOIC Package
3 Applications
The AS1100 is an ideal solution for Bar-Graph Displays, Industrial
Controllers, Panel Meters, LED Matrix Displays and White Goods
such as washing machines and dishwasher.
Figure 1. AS1100 - Typical Application Diagram
8 Digits
8 Segments
GND
GND
CLK
LOAD
DIN
ISET
VDD
DIFG0-DIG3
SEG A-G
SEP DP
MOSI
P I/O
SCK
+5V
8-Digit P Display
9.53k
19
18
1
12
1
9
4
AS1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com