Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5049 Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EM5049
Description  2A Sink/Source Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5049 Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EM5049 Datasheet HTML 1Page - Excelliance MOS Corp. EM5049 Datasheet HTML 2Page - Excelliance MOS Corp. EM5049 Datasheet HTML 3Page - Excelliance MOS Corp. EM5049 Datasheet HTML 4Page - Excelliance MOS Corp. EM5049 Datasheet HTML 5Page - Excelliance MOS Corp. EM5049 Datasheet HTML 6Page - Excelliance MOS Corp. EM5049 Datasheet HTML 7Page - Excelliance MOS Corp. EM5049 Datasheet HTML 8Page - Excelliance MOS Corp. EM5049 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2013/08/30
A.1
3
EM5049
Absolute Maximum Ratings (Note1)
VIN ------------------------------------------------------------------------------------------------------ -0.3V to +6.0V
VCNTL --------------------------------------------------------------------------------------------------- -0.3V to +6.0V
Other Pins------------------------------------------------------------------------------------
-0.3V to (VCNTL+0.3V)
Power Dissipation, PD @ TA = 25°C, DFN3X3 ---------------------------------------------------------- 1.67W
Package Thermal Resistance, ΘJA, DFN3X3 (Note 2)----------------------------------------------
60°C/W
Junction Temperature------------------------------------------------------------------------------------------
150°C
Lead Temperature (Soldering, 10 sec.)--------------------------------------------------------------------
260°C
Storage Temperature ----------------------------------------------------------------------------
−65°C to 150°C
ESD susceptibility (Note3)
HBM (Human Body Mode)-----------------------------------------------------------------------------------
2KV
MM (Machine Mode)-----------------------------------------------------------------------------------------
200V
Recommended Operating Conditions (Note4)
Control Voltage, VCNTL ------------------------------------------------------------------------------ +4.5V to +5.5V
Supply Input Voltage, VIN ---------------------------------------------------------------------------- +1V to VCNTL
Junction Temperature ----------------------------------------------------------------------------- −40°C to 125°C
Ambient Temperature ------------------------------------------------------------------------------- −40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com