Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5049 Datasheet(PDF) 10 Page - Excelliance MOS Corp.

Part # EM5049
Description  2A Sink/Source Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5049 Datasheet(HTML) 10 Page - Excelliance MOS Corp.

Back Button EM5049 Datasheet HTML 2Page - Excelliance MOS Corp. EM5049 Datasheet HTML 3Page - Excelliance MOS Corp. EM5049 Datasheet HTML 4Page - Excelliance MOS Corp. EM5049 Datasheet HTML 5Page - Excelliance MOS Corp. EM5049 Datasheet HTML 6Page - Excelliance MOS Corp. EM5049 Datasheet HTML 7Page - Excelliance MOS Corp. EM5049 Datasheet HTML 8Page - Excelliance MOS Corp. EM5049 Datasheet HTML 9Page - Excelliance MOS Corp. EM5049 Datasheet HTML 10Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2013/08/30
A.1
10
EM5049
E
A
A3
A1
1
10
6
5
E2
L
K
EM
5049
ABCDEFG
1
Marking Information
Device Name: EM5049VT for DFN3X3-10L
Outline Drawing
Dimension in mm
Dimension
A
A1
A3
b
D
E
D2
E2
e
L
K
Min.
0.7
0.00
0.18
2.20
1.40
0.30 0.20
Typ.
0.75 0.02
0.2
0.25
3.0
3.0
0.50
0.40
Max.
0.80 0.05
0.30
2.70
1.75
0.50
EM5049Device Name
ABCDEFG: Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com