Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5105VT Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EM5105VT
Description  1A Low Dropout LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5105VT Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EM5105VT Datasheet HTML 1Page - Excelliance MOS Corp. EM5105VT Datasheet HTML 2Page - Excelliance MOS Corp. EM5105VT Datasheet HTML 3Page - Excelliance MOS Corp. EM5105VT Datasheet HTML 4Page - Excelliance MOS Corp. EM5105VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5105VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5105VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5105VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5105VT Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2013/04/19
A.1
1
EM5105
1A Low Dropout LDO
General Description
EM5105 is a 1A low dropout linear regulator
designed
for low dropout and high current
applications. This device works with dual supplies,
a control input for the control circuitry and a power
input as low as 1.1V for providing current to output.
It features 1A output current and ultra-low-drop
output voltage as well as full protection functions.
VOUT can be as low as 0.8V.
The other features include soft start, under
voltage
protection,
current
limit
protection,
Power-On-Reset function, and over temperature
protection. The EM5105 is available in DFN3x3-10L
package.
Ordering Information
Part Number
Package
Remark
EM5105VT
DFN3x3-10L
Lead-Free
Features
VIN Range 1.1V to 6.0V
VOUT is Adjustable (0.8V Min)
Excellent Line Regulation
Excellent Load Regulation
1A Guaranteed Output Current
300mV @ 1A Dropout Voltage
Very Low On-Resistance
Enable & Power good Signal
VOUT Under Voltage Protection
Current Limit Protection
Over Temperature Protection
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Notebook & Netbook
Graphic Cards & MB
Low Voltage Logic Supplies
Chipset Supplies
Server System
SMPS Post Regulators
Pin Configuration
Typical Application Circuit
POK
EN
VIN
CNTL
VOUT
FB
GND
R5
10
R3
100K
V
IN
V
CNTL
EN
VOUT
C1
10uF
C3
1uF
R1
100K
R2
100K
C4
10uF


Similar Part No. - EM5105VT

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM5102 EXCELLIANCE-EM5102 Datasheet
348Kb / 9P
2A Low Dropout LDO
logo
Cystech Electonics Corp...
EM5102AQP CYSTEKEC-EM5102AQP Datasheet
950Kb / 12P
2A Low Dropout LDO
logo
Excelliance MOS Corp.
EM5102GE EXCELLIANCE-EM5102GE Datasheet
348Kb / 9P
2A Low Dropout LDO
logo
Cystech Electonics Corp...
EM5103 CYSTEKEC-EM5103 Datasheet
756Kb / 12P
3A Low Dropout LDO
logo
Excelliance MOS Corp.
EM5103 EXCELLIANCE-EM5103 Datasheet
331Kb / 10P
3A Low Dropout LDO
More results

Similar Description - EM5105VT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
1A Low Dropout Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
1A Low Dropout Regulator
L1117 ETC1-L1117 Datasheet
101Kb / 10P
1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Richtek Technology Corp...
RT9187 RICHTEK-RT9187 Datasheet
175Kb / 8P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187 RICHTEK-RT9187_08 Datasheet
157Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Will Semiconductor Ltd.
WL2817DA WILLSEMI-WL2817DA Datasheet
2Mb / 15P
Ultra low dropout, 500mA/1A, CMOS LDO
logo
Shenzhen Huazhimei Semi...
HM6245 HMSEMI-HM6245 Datasheet
1Mb / 15P
1A Low Power LDO
logo
AiT Semiconductor Inc.
A1118 AITSEMI-A1118 Datasheet
480Kb / 10P
BIPOLAR LDO REGULATOR DUAL 1A LOW DROPOUT REGULATOR
REV1.1
A6110C AITSEMI-A6110C Datasheet
684Kb / 10P
CMOS LOW DROPOUT REGULATOR (LDO) 1A HIGH SPEED LOW NOISE
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com