Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL322522-R39 Datasheet(PDF) 4 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # WL322522-R39
Description  WOUND INDUCTOR-RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

WL322522-R39 Datasheet(HTML) 4 Page - FENGJUI TECHNOLOGY CO., LTD.

  WL322522-R39 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. WL322522-R39 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. WL322522-R39 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. WL322522-R39 Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD. WL322522-R39 Datasheet HTML 5Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FENG-JUI TECHNOLOGY CO., LTD
WOUND INDUCTOR-RoHS
Your Perfect Inductor
Rev.1401
GENERAL CHARACTERISTICS
1. Operating temperature range
-40 TO + 85℃(Includes temperature when the coil is heated)
2. External appearance
On visual inspection, the coil has no external defects.
3. Terminal strength
After soldering. Between copper plate and terminals of coil. Push in two directions of
X.Ywithstanding at below conditions.
Terminal should not peel off. (refer to figure at right)
0.5KG MIN.(WL252018.WL322522.WL453232.WL5650V.WLC322522.WLC453232)
4. Insulating resistance.
Over 100MΩ at 100V D.C. between coil and core.
5. Dielectric strength
No dielectric breakdown at 100V D.C. for 1 minute between coil and core.
6. Temperature characteristics
Inductance coefficient (0~2,000)x10-6/℃(-25~+80℃).
7. Humidity characteristics
Inductance deviation within ±5%, after 96 hours in 90~95% relative humidity at 40 ±2℃
and 1
hour drying under normal condition.
8. Vibration resistance
Inductance deviation within ±5%, after vibration for 1 hour. In each of three orientations at sweep
vibration (10~55~10 Hz) with 1.5mm P-P amplitudes.
9. Shock resistance
Inductance deviation within ±5%, after being dropped once with 981m/s2 (100G) shock attitude
upon a rubber block method shock testing machine, in three different orientations.
10. Resistance to Soldering Heat: 260 , 10 seconds
℃
11. Storage environment
Storage condition: Temperature Range: 10
~ 35
(Generally: 21
~ 31 )
℃℃
℃℃
Humidity Range: 50% ~ 80% RH (Generally: 65% ~ 75%)
Transportation condition: Temperature Range: -35
~ 85
℃℃
Humidity Range: 50% ~ 95% RH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com