Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL322522-R39 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # WL322522-R39
Description  WOUND INDUCTOR-RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

WL322522-R39 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  WL322522-R39 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. WL322522-R39 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. WL322522-R39 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. WL322522-R39 Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD. WL322522-R39 Datasheet HTML 5Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FENG-JUI TECHNOLOGY CO., LTD
WOUND INDUCTOR-RoHS
Your Perfect Inductor
Rev.1401
WL322522 TYPE
●FEATURE
1. Wire wound SMD inductors
2. Highly accurate dimensions and reliable
3. WLC type are low DC resistance, high current for the power line
●Applications
1. Digital camera or small size LCD panel used
2. Hard Disk drives, and other electronic equipment
●Shape and Dimension
●Schematics and Land Patterns(mm)
●Specification
Dimension in m/m
TYPE
B
C
D
E
F
G
I
H
WL322522(1210)
3.20±0.30
2.50±0.20
2.20±0.20
0.50
1.90
4.00
2.00
2.20
Note1. Measurement frequency of Inductance value : at electrical characteristics
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. IDC : This indicates the value of current when the inductances is 10% lower than its initial
value at D.C. superimposition or D.C. current when at ∆t=20℃,which is lower.(Ta=20℃)
Note4. Inductance tolerance: J: ±5% ; K: ±10% ; M: ±20%
Note5. Ordering Code: TYPE NAME: WL322522
Main Inductance: 100 (10uH)
Tolerance : K (±10%)
Note6.Packaging: Taping ; Quantity: 2000 Pieces/reel
G
I


Similar Part No. - WL322522-R39

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
WL32Y PANDUIT-WL32Y Datasheet
98Kb / 1P
ISO Warning Symbols
WL32Y PANDUIT-WL32Y Datasheet
12Mb / 116P
EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
8/2018
More results

Similar Description - WL322522-R39

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
WOUND CHIP INDUCTOR
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
Wound Chip Inductor
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
Wound Chip Inductor
logo
Superworld Electronics
SDI453226 SUPERWORLD-SDI453226_15 Datasheet
202Kb / 5P
Wire Wound Inductor
WI453232 SUPERWORLD-WI453232_15 Datasheet
263Kb / 5P
Wire Wound Inductor
WI565050 SUPERWORLD-WI565050_15 Datasheet
253Kb / 5P
Wire Wound Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com