Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HOLOS Datasheet(PDF) 2 Page - TOKYO SEIMITSU CO., LTD

Part # HOLOS
Description  Free-form Curved Surface Measuring Program
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

HOLOS Datasheet(HTML) 2 Page - TOKYO SEIMITSU CO., LTD

  HOLOS Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD HOLOS Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD HOLOS Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD HOLOS Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
37
TOKYO SEIMITSU
HOLOS Extended can be added on to HOLOS Light when speedy and accurate continuous measurement of a complex
free-form curved surface is required.
CAD Interface Specifications
●
Quick measurement program creation
HOLOS Extended dramatically simplifies creation of programs for point measurement
on a grid, range scanning, and other measurement programs. Measurement programs
provide a much higher level of efficiency than manual probing.
●
Advantage of Automation
HOLOS Extended supports VBScript so programs can be developed externally and
incorporated as integrated modules. This makes it possible to execute a measurement
operation with the press of a single key.
●
Open system for free data sharing
HOLOS Extended supports output of measuring data to external quality control
software.
●
Composite element model comparison
In car body and other applications, composite elements can be compared with cross
sections on the model. Correlation lines, gap sizes and more can be measured in a
single step.
●
Scanning support
HOLOS Extended is required for scanning measurement.
HOLOS Geo software is for measuring standard geometric elements, such as holes, reference points, etc.
Running HOLOS GEO in combination with HOLOS Light enables measuring of free-form curved surfaces and standard geometric
forms on the same platform. Geometric tolerance judgment also can be performed (option).
■HOLOS Extended Extended Free-form Curved Surface Measuring Software (option)
■HOLOS Geo Standard Geometric Element Measuring Software (option)
: Standard function for Calypso/HOLOS
: Optional function for Calypso/HOLOS and optional function for CAD converter specialized for HOLOS
Note: Applicable for Calypso Rev. 5.2 and later, HOLOS 2.10 and later *Applicable for Calypso Rev. 5.4 and later, HOLOS 2.10 and later
*Contact us for details.
HOLOS Extended Surface
Measurement Example
Measurement results can be
displayed directly on the
screen for color graded
comparison.
Circles, cylinders, cones, planes, long
holes, square holes and more can be
generated from the CAD model.
Measurement and evaluation of standard
geometric elements generated by HOLOS.
Sample display of cross
section evaluation and
part view
CAD Format
Calypso
HOLOS
CAD Conversion for Calypso/HOLOS
CAD Converter specialized for HOLOS
Data
Type
Version
File Extension
CAD Conversion for Calypso/HOLOS
Data
Type
Version
File Extension
CAD Converter specialized for
HOLOS
IGES
2D,3D
IGES4.0
IGES5.2/5.3
.igs
IGES conversion required
IGES -> Calypso
HOLOS-Light Standard(IGES5.1)
IGES -> HOLOS
3D IGES5.2/5.3
.igs
IGES CAD Converter required
IGES -> HOLOS
VDA-FS
2D,3D
1.0/2.0
.vda
VDAFS conversion required
VDAFS -> Calypso
HOLOS-Light Standard(VDAFS2.0)
VDAFS -> HOLOS
3D
1.0/2.0
.vda
VDA CAD Converter required
VDAFS -> HOLOS
STEP
3D
AP203
AP214
.stp
STEP conversion required
STEP -> Calypso
STEP conversion required(Via Calypso)
STEP -> SAT(Calypso) -> HOLOS
3D
AP203
AP214
.stp
STEP CAD Converter required
STEP -> HOLOS
SAT
3D
ACIS
kernel
6.0 - 23.0
.sat
Calypso Standard
SAT -> Calypso4.6 and later
HOLOS-Light Standard(SAT20)
SAT(Calypso) -> HOLOS
3D
ACIS
kernel
to 21
.sat
ACIS CAD Converter required
SAT -> HOLOS
DXF
2D
AutoCad
up to 13
.dxf
DXF conversion required
DXF -> Calypso
-
-
-
-
-
CATIA V4
3D
Ver.4.1.x
Ver.4.2.x
(up to 4.2.4)
.exp
.model
CATIA V4 conversion required
CATIA V4 -> Calypso
CATIA conversion required(Via Calypso)
CATIA V4 ->SAT(Calypso) -> HOLOS
3D
to Ver.4.2.5
.exp
.dlv
.model
CATIA CAD Converter required
CATIA V4 -> HOLOS
CATIA V5
3D
Ver.2 to 22
.CATPart
.CATProduct CATIA V5 conversion required
CATIA V5 -> Calypso
CATIA conversion required(Via Calypso)
CATIA V5 ->SAT(Calypso) -> HOLOS
3D Ver.10 to 23
.CATPart
.CATProduct CATIA CAD Converter required
CATIA V5 -> HOLOS
ProEngineer
(Prro-E)
3D
Rev.19,20
2000i2/2001
Wildfire1 to 5
.prt
Pro-E conversion required
Pro-E -> Calypso
(Wildfire5 required Calypso5.0 and later)
Pro-E conversion required(Via
Calypso)
Pro-E -> SAT(Calypso) -> HOLOS
3D
Rev.13
to Wildfire5
.prt
.asm
.neu
Pro-E CAD Converter required
Pro-E -> HOLOS
Unigraphics
(UG)
3D
Rev.14-18
NX1 to 6, 7.5
.prt
UG conversion required
UG -> Calypso
(NX7.5 required Calypso5.2 and later)
UG conversion required(Via Calypso)
UG -> SAT(Calypso) -> HOLOS
3D
Rev.11
to NX8
.prt
UG CAD Converter required
Unigraphics -> HOLOS
SolidWorks
3D
98 to 2010,
2012
.sldprt
SolidWorks conversion required
SolidWorks -> Calypso
(2012 required Calypso5.4)
SolidWorks conversion required(Via Calypso)
SolidWorks -> SAT(Calypso) -> HOLOS
3D
to 2012
.sldprt
.sldasm
SolidWorks CAD Converter
required
SolidWorks -> HOLOS
Inventor
3D
6 to 12,
2010 to 2012
.ipd
Inventor conversion required
Inventor -> Calypso
(2012 required Calypso5.4)
Inventor conversion required(Via Calypso)
Inventor -> SAT(Calypso) -> HOLOS
3D
2011
.ipd
Inventor CAD Converter
required
Inventor -> HOLOS
Parasolid
3D
10 to 24
.x_t
Parasolid conversion required
Parasolid -> Calypso
Parasolid conversion required(Via Calypso)
Parasolid -> SAT(Calypso) -> HOLOS
3D
to 22
.x_t
Parasolid CAD Converter required
Parasolid -> HOLOS
JT Open
3D
8.0 to 8.1
.jt
JT Open conversion required
JT Open -> Calypso
JT Open conversion required(Via Calypso)
JT Open -> SAT(Calypso) -> HOLOS
3D
6.0 to 9.5
.jt
JT Open CAD Converter required
JT Open -> HOLOS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com