Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HOLOS Datasheet(PDF) 1 Page - TOKYO SEIMITSU CO., LTD

Part # HOLOS
Description  Free-form Curved Surface Measuring Program
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

HOLOS Datasheet(HTML) 1 Page - TOKYO SEIMITSU CO., LTD

  HOLOS Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD HOLOS Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD HOLOS Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD HOLOS Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
36
TOKYO SEIMITSU
HOLOS enables measuring and comparison measuring of free-form curved surfaces that
include CAD model and other design values.
A 3D best fit function makes it possible to configure coordinate system settings.
Adding a digitizing function allows digitizing of unknown free-form curved surfaces.
HOLOS-NT consists of four modules that can be combined to suit a variety of needs.
HOLOS Module Configuration
Benefits of using HOLOS
●
Speedy measuring results
HOLOS Light provides immediate measurement results. With the measurement program, simply click the measurement point and reference
points on the screen for simple generation of measurement results. Detailed confirmation of the workpiece is possible when CAD data is
available.
●
Alignment using free-form curved surface
HOLOS Light enables instant and simple measurement of simple free-form curved surface. It also simplifies alignment using free-form
curved surfaces. Simply select six points on the surface to display the required probing points for each step.
●
Readily available measurement results
Edge points set on the model can be measured with ease. After probing, measurement results and measurement positions can be
displayed instantly on the screen. Measurement results also can be displayed graphically to facilitate checking of measurement results, as
well as degrees and directions of errors.
HOLOS Light
· Simple free-form curved surface
measuring
· Manual measurement also supported
· Alignment using free-form curved
surface
· Graphic-based measuring program
creation
· Readily available measurement
results
· Graphic display of measurement results
· Color graded map display evaluation
(only when Light plus is used)
HOLOS Extended
· Complex free-form curved surface
measurement
· Quick measurement program
creation
· Advantage of automation
· Open system for free data sharing
· Composite element model
comparison
· Scanning measuring
· Color graded map display evaluation
HOLOS Geo
· Standard geometric
element
measurement
· Measurement using
assist function
HOLOS Digitize
· Digitizing with point-
to-point and scanning
· Model output with
VDA data and IGES
· Automatic scanning
line calculation within
a specified range
Surface Normal Direction Error Label
Display
Labels can be positioned either
automatically or manually.
■HOLOS: Free-form Curved Surface Measuring Program (option)
■HOLOS Light Basic Free-form Curved Surface Measuring Software (option)
Measuring
Room
Measuring
Room
Analysis
Room
Measurement
Measurement
End
End
External
System (CAD)
Design Value
Creation
Result
Output File
Intermediate
File Program
Analysis,
Judgment
Analysis,
Judgment
Analysis,
Judgment
Analysis,
Judgment
Strictly
re-measuring
of N3 part
Conventional System
HOLOS System
※Separate 3D-CAD system
used to graphically display
measuring results (numeric
array), and to create
judgment and design values.
※Since this is a package provided by a
measuring machine manufacturer, it
allows on-the-site judgments about
measuring results and instant
feedback for re-measuring.
Light
CAD interface
SAT, IGES, VDA CAD
interfaces provided as standard
Light option
Extended
Light option
Digitize
Light+Extended
Option
Geo
Free-form Curved Surfaces
Geometric Elements
■CAD direct interface
(Light option)
Light + Extended option
CATIA V4,
CATIA V5
Coordinate Measuring Machine
HOLOS


Similar Part No. - HOLOS

ManufacturerPart #DatasheetDescription
logo
Klein Tools, Inc.
HOLDER KLEIN-HOLDER Datasheet
4Mb / 5P
IRONWORKERS
Rev. 10/23 A
logo
Vishay Siliconix
HOLLOWSHAFTPMR VISHAY-HOLLOWSHAFTPMR Datasheet
90Kb / 3P
Analog Displacement Sensors for Transportation Applicationss
09-Sep-15
More results

Similar Description - HOLOS

ManufacturerPart #DatasheetDescription
logo
ETRI
564DH4LM19000 ETRI-564DH4LM19000 Datasheet
109Kb / 1P
DC Backward Curved Fans
565DH4LM19000 ETRI-565DH4LM19000 Datasheet
110Kb / 1P
DC Backward Curved Fans
566DH4LM19000 ETRI-566DH4LM19000 Datasheet
109Kb / 1P
DC Backward Curved Fans
logo
List of Unclassifed Man...
R1G175-AB63 ETC2-R1G175-AB63 Datasheet
317Kb / 1P
175mm Backward Curved
logo
ebm-papst
R3G310-RB01-03 EBMPAPST-R3G310-RB01-03 Datasheet
965Kb / 5P
backward curved, single inlet
R3G310-RR05-H1 EBMPAPST-R3G310-RR05-H1 Datasheet
1Mb / 5P
backward curved, single inlet
logo
Core Technology (Shenzh...
CSE7759B CHIPSEA-CSE7759B Datasheet
1Mb / 25P
Calibration-free Electric Energy Measuring Chip
logo
TOKYO SEIMITSU CO., LTD
GEARPRO ACCRETECH-GEARPRO Datasheet
235Kb / 1P
GEAR PRO bevel: Bevel Gear Measuring Program For Hypoid Gear Measuring
logo
Testo SE & Co. KGaA
TESTO905-T1 TESTO-TESTO905-T1 Datasheet
1Mb / 2P
Penetration/surface temperature measuring instrument
logo
SparkFun Electronics
TOL-10602 SPARKFUN-TOL-10602 Datasheet
107Kb / 1P
Tweezers ??Curved (ESD Safe)
5??6??7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com