Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4245 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB4245
Description  105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4245 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB4245 Datasheet HTML 9Page - Cirrus Logic CDB4245 Datasheet HTML 10Page - Cirrus Logic CDB4245 Datasheet HTML 11Page - Cirrus Logic CDB4245 Datasheet HTML 12Page - Cirrus Logic CDB4245 Datasheet HTML 13Page - Cirrus Logic CDB4245 Datasheet HTML 14Page - Cirrus Logic CDB4245 Datasheet HTML 15Page - Cirrus Logic CDB4245 Datasheet HTML 16Page - Cirrus Logic CDB4245 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
CS4245
13
10. Valid for the selected input pair.
Total Harmonic Distortion + Noise
(Note 11)
PGA Setting: -12 dB to +6 dB
-1 dB
-20 dB
-60 dB
(Note 12)
40 kHz bandwidth
-1 dB
PGA Setting: +12 dB Gain
-1 dB
-20 dB
-60 dB
(Note 12)
40 kHz bandwidth
-1 dB
THD+N
-
-
-
-
-
-
-
-
-92
-79
-39
-84
-89
-73
-33
-81
-86
-
-
-
-83
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
Line Level Inputs
Parameter
Symbol
Min
Typ
Max
Unit
Interchannel Isolation
-
90
-
dB
Line Level Input Characteristics
Full-scale Input Voltage
0.53*VA
0.56*VA
0.59*VA
Vpp
Input Impedance
(Note 10)
6.12
6.8
7.48
k
Ω
Maximum Interchannel Input Impedance Mis-
match
-5
-
%
Line Level and Microphone Level Inputs
Parameter
Symbol
Min
Typ
Max
Unit
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Error
-
±5
%
Gain Drift
-
±100
-
ppm/°C
Programmable Gain Characteristics
Gain Step Size
-
0.5
-
dB
Absolute Gain Step Error
-
-
0.4
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com