Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4245 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB4245
Description  105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4245 Datasheet(HTML) 4 Page - Cirrus Logic

  CDB4245 Datasheet HTML 1Page - Cirrus Logic CDB4245 Datasheet HTML 2Page - Cirrus Logic CDB4245 Datasheet HTML 3Page - Cirrus Logic CDB4245 Datasheet HTML 4Page - Cirrus Logic CDB4245 Datasheet HTML 5Page - Cirrus Logic CDB4245 Datasheet HTML 6Page - Cirrus Logic CDB4245 Datasheet HTML 7Page - Cirrus Logic CDB4245 Datasheet HTML 8Page - Cirrus Logic CDB4245 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
CS4245
4
6.6 Signal Selection - Address 06h ....................................................................................... 43
6.7 Channel A PGA Control - Address 07h ........................................................................... 43
6.8 Channel B PGA Control - Address 08h ........................................................................... 44
6.9 ADC Input Control - Address 09h ................................................................................... 44
6.10 DAC Channel A Volume Control - Address 0Ah ........................................................... 45
6.11 DAC Channel B Volume Control - Address 0Bh ........................................................... 45
6.12 DAC Control 2 - Address 0Ch ....................................................................................... 46
6.13 Interrupt Status - Address 0Dh ..................................................................................... 46
6.14 Interrupt Mask - Address 0Eh ....................................................................................... 47
6.15 Interrupt Mode MSB - Address 0Fh .............................................................................. 47
6.16 Interrupt Mode LSB - Address 10h ............................................................................... 47
7. PARAMETER DEFINITIONS ................................................................................................. 48
8. PACKAGE DIMENSIONS ...................................................................................................... 49
9. THERMAL CHARACTERISTICS AND SPECIFICATIONS ................................................. 49
Appendix A: DAC Filter Plots
......................................................................................... 50
Appendix B: ADC Filter Plots
.............................................................................................. 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com