Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4953 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # APM4953
Description  Dual P-Channel Enhancement Mode Mosfet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

APM4953 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  APM4953 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
APM4953
Dual P-Channel Enhancement Mode Mosfet
www.artschip.com
2
Electrical Characteristics (TA=25℃ unless otherwise noted)
APM4953
Symbol
Parameter
Test Condition
Min.
Typa.
Max
Unit
Static
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=-250µA
-30
V
IDSS
Zero Gate Voltage Drain Current
VDS=-24V, VGS=0V
-1
µA
VGS(th)
Gate Threshold Voltage
VGS=VGS, IDS=-250µA
-1
-1.5
-2
V
IGSS
Gate Leakage Current
VGS=±25V, VDS=0V
±100
nA
VGS=-10V, IDS=-4.9A
53
60
RDS(ON)
Drain-Source On-state
Resistance
b
VGS=-4.5V, IDS=-3.6A
80
95
mΩ
VSD
Diode Forward Voltage b
ISD=-1.7A, VGS=0V
-0.7
-1.3
V
Dynamic
a
Qg
Total Gate Charge
22.3
29
Qgs
Gate-Source Charge
4.65
Qgd
Gate-Drain Charge
VDS=-15V, IGS=-10V
ID=-4.6A
2
nC
td(on)
Turn-on Delay Time
10
18
Tr
Turn-on Rise Time
15
20
td(OFF)
Turn-off Delay Time
22
38
Tf
Turn-off Fall Time
VDD=-15V, ID=-2A,
VGEN=-10V, RG=6Ω
RL=7.5Ω
15
25
ns
Ciss
Input Capacitance
1260
Coss
Output Capacitance
340
Crss
Reverse Transfer Capacitance
VGS=0V
VDS=-25V
Frequency=1.0MHz
220
pF
Notes
a: Pulse test; pulse width ≤300µs, duty cycle ≤2%
b: Guaranteed by design, not subject to production testing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com